Electronic Components Datasheet Search
  English  ▼

X  

PA512 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # PA512
Description  Cascadable Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

PA512 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  PA512 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. PA512 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cascadable Amplifier
10 to 500 MHz
Rev. V2
PA512 / SPA512
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: Z0 = 50Ω
Ω
Ω
Ω, VCC = +15 VDC
Parameter
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
10-700
10-500
10-500
Small Signal Gain (min)
dB
18.0
16.0
15.0
Gain Flatness (max)
dB
±0.3
±0.7
±1.0
Reverse Isolation
dB
24
Noise Figure (max)
dB
5.2
6.0
6.5
Power Output
@ 1 dB comp. (min)
dBm
27.5
26.0
25.5
IP3
dBm
+33
IP2
dBm
+45
Second Order Harmonic IP
dBm
+50
VSWR Input / Output (max)
1.4:1 / 2.0:1
1.8:1 / 2.2:1
2.0:1 / 2.3:1
DC Current @ 15 Volts (max)
mA
200
210
220
Units
Features
• HIGH POWER OUTPUT: +27.5 dBm (TYP.)
• HIGH THIRD ORDER I.P.: +39 DBm (TYP.)
• MODERTE NOISE FIGURE: 5.2 dB (TYP.)
• GaAs FET AMPLIFIER
Description
The PA512 0.5 watt RF power amplifier is a discrete
hybrid design, which uses thin film manufacturing
processes for accurate performance and high reliability.
This 2 stage GaAs FET transistor design uses a feedback
loop for flat broadband performance. An active DC biasing
network insures temperature-stable performance
.
MIL-STD-883 environmental screening is available
.
Product Image
Ordering Information
Part Number
Package
PA512
TO-8
MAAM-007502-SPA512
Surface Mount
MAAM-007502-CPA512
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +150ºC
Case Temperature
+85ºC
DC Voltage
+17 V
Continuous Input Power
+17 dBm
Short Term Input power
(1 minute max.)
100 mW
Peak Power (3 sec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
+85ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
ºC/W
Transistor Power Dissipation Pd
W
Junction Temperature Rise
Above Case Tjc
ºC
* Over temperature performance limits for part number CPA512, guaranteed from 0
oC to +50oC only.


Similar Part No. - PA512

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA512 MACOM-PA512 Datasheet
346Kb / 2P
Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
PA512 MA-COM-PA512 Datasheet
153Kb / 2P
Cascadable Amplifier 10 to 500 MHz
PA512-SMPA512 MA-COM-PA512-SMPA512 Datasheet
374Kb / 2P
Cascadable Amplifier
logo
Pulse A Technitrol Comp...
PA5120 PULSE-PA5120 Datasheet
630Kb / 4P
SMT Power Inductors
PA5120.481NLT PULSE-PA5120.481NLT Datasheet
630Kb / 4P
SMT Power Inductors
More results

Similar Description - PA512

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A75-2 MA-COM-A75-2 Datasheet
1Mb / 2P
Cascadable Amplifier Cascadable Amplifier
A87-2 MA-COM-A87-2 Datasheet
1Mb / 2P
Cascadable Amplifier Cascadable Amplifier
A18-1-SMA18-1 MA-COM-A18-1-SMA18-1 Datasheet
1Mb / 2P
Cascadable Amplifier
A26-SMA26 MA-COM-A26-SMA26 Datasheet
205Kb / 2P
Cascadable Amplifier
A28-SMA28 MA-COM-A28-SMA28 Datasheet
1Mb / 2P
Cascadable Amplifier
A59-SMA59 MA-COM-A59-SMA59 Datasheet
1Mb / 2P
Cascadable Amplifier
A70-1-SMA70-1 MA-COM-A70-1-SMA70-1 Datasheet
1Mb / 2P
Cascadable Amplifier
A70-3-SMA70-3 MA-COM-A70-3-SMA70-3 Datasheet
1Mb / 2P
Cascadable Amplifier
PA511-SMPA511 MA-COM-PA511-SMPA511 Datasheet
1Mb / 2P
Cascadable Amplifier
RA62-SMRA62 MA-COM-RA62-SMRA62 Datasheet
1Mb / 2P
Cascadable Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com