Electronic Components Datasheet Search
  English  ▼

X  

LM199A Datasheet(PDF) 6 Page - Linear Technology

Part # LM199A
Description  Precision Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM199A Datasheet(HTML) 6 Page - Linear Technology

  LM199A Datasheet HTML 1Page - Linear Technology LM199A Datasheet HTML 2Page - Linear Technology LM199A Datasheet HTML 3Page - Linear Technology LM199A Datasheet HTML 4Page - Linear Technology LM199A Datasheet HTML 5Page - Linear Technology LM199A Datasheet HTML 6Page - Linear Technology LM199A Datasheet HTML 7Page - Linear Technology LM199A Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LM199/LM399
LM199A/LM399A
6
199399fc
For more information www.linear.com/LM399
Typical applicaTions
scheMaTic DiagraMs
Portable Calibrator
200k
OUTPUT
10V
8.8k
1%
2
3
4
7
6
5k
3k
TRIM
19k
1%
+
–
6.95V
12V TO
18V
LM199 TA06
LM399
+
–
+
LT1001AC
Temperature Stabilizer
Q5
11.2k
2k
D1
6.3V
D2
6.3V
1k
4.2
Q6
Q2
Q1
Q9
Q8
+
–
Q7
Q4
LM199 SD01
2k
10pF
Q3
3
4
Reference
Q3
6.3V
50
30k
2k
2.6k
Q10
Q11
Q13
Q14
Q15
15pF
2k
10k
Q12
Q16
1k
+
–
LM199 SD02
1
2
30pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com