Electronic Components Datasheet Search
  English  ▼

X  

LM399 Datasheet(PDF) 1 Page - Linear Technology

Part # LM399
Description  Precision Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM399 Datasheet(HTML) 1 Page - Linear Technology

  LM399 Datasheet HTML 1Page - Linear Technology LM399 Datasheet HTML 2Page - Linear Technology LM399 Datasheet HTML 3Page - Linear Technology LM399 Datasheet HTML 4Page - Linear Technology LM399 Datasheet HTML 5Page - Linear Technology LM399 Datasheet HTML 6Page - Linear Technology LM399 Datasheet HTML 7Page - Linear Technology LM399 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM199/LM399
LM199A/LM399A
1
199399fc
For more information www.linear.com/LM399
Typical applicaTion
FeaTures
DescripTion
Precision Reference
The LM199/LM399 precision shunt reference features
excellent temperature stability over a wide range of volt-
age, temperature and operating current conditions. A
stabilizing heater is incorporated with the active Zener on
a monolithic substrate which nearly eliminates changes in
voltage with temperature. The subsurface Zener operates
overacurrentrangeof0.5mAto10mA,andoffersminimal
noise and excellent long-term stability.
IdealapplicationsfortheLM199/LM399includedigitalvolt-
meters, precision calibration equipment, current sources
and a variety of other precision low cost references. A 10V
buffered reference application is shown below.
10V Buffered Reference
Reverse Voltage Change
applicaTions
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
n
Precision Voltage Reference for Multimeters
n
Calibration Equipment Voltage Standards
n
Laboratory Measurement Equipment
n
Industrial Monitor/Control Instruments
n
High Accuracy Data Converters
n
6.95V Shunt Reference
n
Guaranteed 0.5ppm/°C Temperature Coefficient
n
Guaranteed 1
Ω Maximum Dynamic Impedance
n
Guaranteed 20µVRMS Maximum Noise
n
Guaranteed Initial Tolerance of 2%
n
Wide Operating Current Range
n
Available in 4-Lead TO-46 Metal Can
9k
0.1%
7.5k
5%
3
+
–
1
4
2
6.95V
15V
LM399H
20k
0.1%
2
7
4
6
10V
3
LM199 TA01a
LT®1001
REVERSE CURRENT (mA)
0
3
4
5
6
10
LM199 TA01b
2
1
0
2
4
8
6
7
8
STABILIZED
(TJ ≈ 90°C)
TJ = 25°C


Similar Part No. - LM399

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM399 NSC-LM399 Datasheet
292Kb / 12P
Precision Reference
logo
Linear Technology
LM399 LINER-LM399 Datasheet
296Kb / 5P
Precision Reference
logo
National Semiconductor ...
LM399 NSC-LM399 Datasheet
651Kb / 10P
Precision Reference
logo
Linear Technology
LM399 LINER-LM399 Datasheet
141Kb / 8P
Precision Reference
LM399 LINER-LM399 Datasheet
162Kb / 8P
Ultra Precision Reference
More results

Similar Description - LM399

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
Precision Reference
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
Precision Reference?
LT1236 LINER-LT1236 Datasheet
262Kb / 12P
Precision Reference
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
Precision Reference
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
Precision Reference
logo
Linear Technology
LM199 LINER-LM199_1 Datasheet
141Kb / 8P
Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
Precision Reference
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
Precision Reference
logo
Linear Technology
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com