Electronic Components Datasheet Search
  English  ▼

X  

LT1022 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1022
Description  High Speed, Precision JFET Input Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1022 Datasheet(HTML) 3 Page - Linear Technology

  LT1022 Datasheet HTML 1Page - Linear Technology LT1022 Datasheet HTML 2Page - Linear Technology LT1022 Datasheet HTML 3Page - Linear Technology LT1022 Datasheet HTML 4Page - Linear Technology LT1022 Datasheet HTML 5Page - Linear Technology LT1022 Datasheet HTML 6Page - Linear Technology LT1022 Datasheet HTML 7Page - Linear Technology LT1022 Datasheet HTML 8Page - Linear Technology LT1022 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1022
1022fa
ELECTRICAL CHARACTERISTICS
The ● denotes the specifications which apply over the full operating temperature range of VCM = 0V, 0°C ≤ TA ≤ 70°C. VS = ± 15V,
unless otherwise noted.
LT1022CH
LT1022AC
LT1022CN8
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
H Package
●
140
480
180
1000
µV
(Note 2)
N8 Package
●
300
1700
µV
Average Temperature
H Package
●
1.3
5.0
1.8
9.0
µV/°C
Coefficient of Input Offset Voltage
N8 Package (Note 6)
●
3.0
15.0
µV/°C
IOS
Input Offset Current
Warmed Up, TA = 70°C
●
15
80
18
100
pA
IB
Input Bias Current
Warmed Up, TA = 70°C
●
±50
±200
±60
±250
pA
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 2k
●
80
250
60
250
V/mV
CMRR
Common Mode Rejection Ratio
VCM = ±10.4V
●
85
93
80
91
dB
PSRR
Power Supply Rejection Ratio
VS = ±10V to ±18V
●
86
103
84
101
dB
VOUT
Output Voltage Swing
RL = 2k
●
±12
±13.1
±12
±13.1
V
LT1022AM
LT1022M
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 2)
●
230
750
300
1500
µV
Average Temperature
(Note 6)
●
1.5
5.0
2.0
9.0
µV/°C
Coefficient of Input Offset Voltage
IOS
Input Offset Current
Warmed Up, TA = 125°C
●
0.3
2.0
0.30
3.0
nA
IB
Input Bias Current
Warmed Up, TA = 125°C
●
± 0.5
± 4.0
± 0.7
± 6.0
nA
AVOL
Large Signal Voltage Gain
VO = ±10V, RL = 2k
●
40
120
35
120
V/mV
CMRR
Common-Mode Rejection Ratio
VCM = ±10.4V
●
85
92
80
90
dB
PSRR
Power Supply Rejection Ratio
VS = ±10V to ±17V
●
86
102
84
100
dB
VOUT
Output Voltage Swing
RL = 2k
●
±12
±12.9
±12
±12.9
V
Note 1: Absolute Maximum Ratings are those values beyond which the
life of a device may be impaired.
Note 2: Offset voltage is measured under two different conditions:
(a) approximately 0.5 seconds after application of power;
(b) at TA = 25°C, with the chip self-heated to approximately 45°C
to account for chip temperature rise when the device is fully warmed up.
Note 3: 10Hz noise voltage density is sample tested on every lot of A
grades. Devices 100% tested at 10Hz are available on request.
Note 4: This parameter is tested on a sample basis only.
Note 5: Current noise is calculated from the formula: in = (2qIB)1/2, where
q = 1.6 • 10 –19 coulomb. The noise of source resistors up to 1GΩ swamps
the contribution of current noise.
Note 6: Offset voltage drift with temperature is practically unchanged when
the offset voltage is trimmed to zero with a 100k potentiometer between
the balance terminals and the wiper tied to V +. Devices tested to tighter
drift specifications are available on request.
The ● denotes the specifications which apply over the full operating temperature range of – 55°C ≤ TA ≤ 125°C. VS = ±15V, VCM = 0V,
unless otherwise noted.
LT1022AM
LT1022M, LT1022CH
LT1022AC
LT1022CN8
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
GBW
Gain-Bandwidth Product
f = 1MHz
8.5
8.0
MHz
IS
Supply Current
5.2
7.0
5.2
7.0
mA
Settling Time
A = +1 or A = –1
10V Step to 0.05%
0.9
0.9
µs
10V Step to 0.02%
1.3
1.3
µs
Offset Voltage Adjustment Range
RPOT = 100k
±7
±7mV
VS = ± 15V, TA = 25°C, VCM = 0V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com