Electronic Components Datasheet Search
  English  ▼

X  

LT1024 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1024
Description  Dual, Matched Picoampere, Microvolt Input, Low Noise Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1024 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1024 Datasheet HTML 4Page - Linear Technology LT1024 Datasheet HTML 5Page - Linear Technology LT1024 Datasheet HTML 6Page - Linear Technology LT1024 Datasheet HTML 7Page - Linear Technology LT1024 Datasheet HTML 8Page - Linear Technology LT1024 Datasheet HTML 9Page - Linear Technology LT1024 Datasheet HTML 10Page - Linear Technology LT1024 Datasheet HTML 11Page - Linear Technology LT1024 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1024
1024fa
Achieving Picoampere/Microvolt Performance
In order to realize the picoampere/microvolt level
accuracy of the LT1024, proper care must be exercised.
For example, leakage currents in circuitry external to the
op amp can significantly degrade performance. High qual-
ity insulation should be used (e.g., Teflon™, Kel-F); clean-
ing of all insulating surfaces to remove fluxes and other
residues will probably be required. Surface coating may be
necessary to provide a moisture barrier in high humidity
environments.
Board leakage can be minimized by encircling the input
circuitry with a guard ring operated at a potential close to
that of the inputs: in inverting configurations, the guard
ring should be tied to ground; in noninverting connec-
tions, to the inverting input. Guarding both sides of the
printed circuit board is required. Bulk leakage reduction
depends on the guard ring width. Nanoampere level leak-
age into the offset trim terminals can affect offset voltage
and drift with temperature.
Microvolt level error voltages can also be generated in the
external circuitry. Thermocouple effects, caused by tem-
perature gradients across dissimilar metals at the con-
tacts to the input terminals, can exceed the inherent drift
of the amplifier. Air currents over device leads should be
minimized, package leads should be short, and the two
input leads should be as close together as possible and
maintained at the same temperature.
Test Circuit for Offset Voltage and its Drift with Temperature
R1
50k*
R3
50k*
R2
100Ω*
V0
15V
–15V
–
+
3
(10)
4
(11)
LT1024
(7)
14
12 (5)
13
(6)
RESISTORS MUST HAVE LOW
THERMOELECTRIC POTENTIAL
THIS CIRCUIT IS ALSO USED AS THE BURN-IN
CONFIGURATION FOR THE LT1024. WITH SUPPLY
VOLTAGES INCREASED TO ±20V, R1 = R3 = 20k,
R2 = 200Ω, AV = 100
VO = 1000V0S
LT1024 • AI02
*
**
Teflon is a trademark of Dupont.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com