Electronic Components Datasheet Search
  English  ▼

X  

P583010 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P583010
Description  Mini DisplayPort to DisplayPort Cable (M-M), 10-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P583010 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P583010 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P583010 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mini DisplayPort to DisplayPort Cable (M/M), 10-ft.
MODEL NUMBER: P583-010
Description
Tripp Lite's Mini Displayport to Displayport adapter cable allows a PC or Mac's Mini Displayport (or Thunderbolt) port to connect to a Displayport monitor.
Supports resolutions up to 2560x1600.
Note: This cable is uni-directional. Will only work from a computer Mini Displayport to a Displayport monitor.
Features
10ft Mini Displayport to Displayport adapter cable
Supports Displayport v1.2
Connect your PC or Mac with Mini Displayport (or Thunderbolt) to a Displayport Monitor or TV
Locking Displayport Connectors
2560 x 1600 resolution support
Specifications
OVERVIEW
Cable Type
DisplayPort
INPUT
Cable Length (ft.)
10
Cable Length (m)
3
PHYSICAL
Color
White
Highlights
10ft Mini Displayport to
Displayport Adapter Cable
Connect your PC or Mac with
Mini Displayport (or Thunderbolt)
to a Displayport Monitor or TV
Supports Displayport v1.2
Supports up to 2560x1600
resolution
Package Includes
10ft Mini Displayport to
Displayport adapter cable
1 / 2


Similar Part No. - P583010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P583003 TRIPPLITE-P583003 Datasheet
474Kb / 2P
Mini DisplayPort to DisplayPort Cable (M-M), 3-ft
P583006 TRIPPLITE-P583006 Datasheet
474Kb / 2P
Mini DisplayPort to DisplayPort Cable (M-M), 6-ft
More results

Similar Description - P583010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P582010 TRIPPLITE-P582010 Datasheet
491Kb / 2P
DisplayPort to HD Cable Adapter (M-M), 10-ft
P583003 TRIPPLITE-P583003 Datasheet
474Kb / 2P
Mini DisplayPort to DisplayPort Cable (M-M), 3-ft
P583006 TRIPPLITE-P583006 Datasheet
474Kb / 2P
Mini DisplayPort to DisplayPort Cable (M-M), 6-ft
P584003 TRIPPLITE-P584003 Datasheet
472Kb / 2P
Mini DisplayPort Cable (M-M), 3-ft
P584006 TRIPPLITE-P584006 Datasheet
471Kb / 2P
Mini DisplayPort Cable (M-M), 6-ft
P584010 TRIPPLITE-P584010 Datasheet
471Kb / 2P
Mini DisplayPort Cable (M-M), 10-ft
P582-010 TRIPPLITE-P582-010 Datasheet
166Kb / 2P
DisplayPort to HDMI Cable Adapter (M/M), 10-ft.
P583-010 TRIPPLITE-P583-010 Datasheet
154Kb / 2P
Mini DisplayPort to DisplayPort 4K @60Hz Adapter, DisplayPort 1.2, mDP to DP Cable (M/M), 10 ft.
P586-010-DVI TRIPPLITE-P586-010-DVI Datasheet
164Kb / 3P
Mini DisplayPort to DVI Adapter Cable (M/M), 1080p, 10 ft.
P583-010-BK TRIPPLITE-P583-010-BK_V01 Datasheet
51Kb / 3P
Mini DisplayPort to DisplayPort Adapter Cable, 4K (M/M), DP Latching Connector, Black, 10 ft. (3.1 m)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com