Electronic Components Datasheet Search
  English  ▼

X  

PC4062 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PC4062
Description  J-FET INPUT LOW-POWER DUAL OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PC4062 Datasheet(HTML) 3 Page - Renesas Technology Corp

  PC4062_15 Datasheet HTML 1Page - Renesas Technology Corp PC4062_15 Datasheet HTML 2Page - Renesas Technology Corp PC4062_15 Datasheet HTML 3Page - Renesas Technology Corp PC4062_15 Datasheet HTML 4Page - Renesas Technology Corp PC4062_15 Datasheet HTML 5Page - Renesas Technology Corp PC4062_15 Datasheet HTML 6Page - Renesas Technology Corp PC4062_15 Datasheet HTML 7Page - Renesas Technology Corp PC4062_15 Datasheet HTML 8Page - Renesas Technology Corp PC4062_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC4062
J-FET INPUT LOW-POWER DUAL OPERATIONAL AMPLIFIER
DATA SHEET
Document No. G15108EJ4V0DS (4th edition)
Date Published March 2004 N CP(K)
Printed in Japan
The mark
shows major revised points.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
1987
DESCRIPTION
The
µPC4062 is a J-FET input low-power operational amplifier featuring low supply voltage operation from ±2 V.
Supply current is ten times smaller than that of
µPC4082 type op-amp. With very low input bias current characteristics,
the
µPC4062 is an excellent choice for hand-held measurement equipment and other low-power application circuits.
FEATURES
• Low supply current: 400
µA (TYP.)
• Very low input bias and offset currents
• High input impedance...J-FET Input Stage
• Low supply voltage operation
• Output short circuit protection
• Internal frequency compensation
ORDERING INFORMATION
Part Number
Package
µPC4062C
8-pin plastic DIP (7.62 mm (300))
µPC4062G2
8-pin plastic SOP (5.72 mm (225))
EQUIVALENT CIRCUIT (1/2 Circuit)
R1
R4
R9
Q5
Q9
Q14
Q15
Q16
Q11
Q12
Q10
R5
R7
R8
Q13
Q7
Q4
Q3
R2
R3
R6
Q19
Q20
Q17
Q18
OUT
II
IN
V
V
Q2
Q1
Q6
Q8
C1
+
–
PIN CONFIGURATION (Top View)
PC4062C, 4062G2
1
1
2
3
4
8
7
6
5
V
+
OUT2
II2
IN2
+
–
II1
IN1
OUT1
V
–
2
µ
+ –



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com