Electronic Components Datasheet Search
  English  ▼

X  

LT1109 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1109
Description  Micropower Low Cost DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1109 Datasheet(HTML) 1 Page - Linear Technology

  LT1109 Datasheet HTML 1Page - Linear Technology LT1109 Datasheet HTML 2Page - Linear Technology LT1109 Datasheet HTML 3Page - Linear Technology LT1109 Datasheet HTML 4Page - Linear Technology LT1109 Datasheet HTML 5Page - Linear Technology LT1109 Datasheet HTML 6Page - Linear Technology LT1109 Datasheet HTML 7Page - Linear Technology LT1109 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LT1109
1
Micropower Low Cost
DC/DC Converter
Adjustable and Fixed 5V, 12V
All Surface Mount
Flash Memory VPP Generator
S
APPLICATI
s
Flash Memory VPP Generators
s
3V to 5V Converters
s
5V to 12V Converters
s
Disk Drives
s
PC Plug-In Cards
s
Peripherals
s
Battery-Powered Equipment
APPLICATI
TYPICAL
s
Uses Off-the-Shelf Inductors
s
Only 33
µH Inductor Required
s
Low Cost
s
3-Lead TO-92, SO8, or 8-Pin DIP
s
Adjustable or Fixed 5V or 12V Output
s
120kHz Oscillator
s
Only Three External Components Required
s
320
µA IQ
s
1.6V Minimum Start-Up Voltage
s
Logic Controlled Shutdown
DESCRIPTIO
S
FEATURE
The LT1109 is a simple step-up DC/DC converter. Avail-
able in 8-pin SO, 3-lead TO-92 (fixed output only) or
miniDIP packages, the devices require only three external
components to construct a complete DC/DC converter.
Current drain is just 320
µA at no load, making the device
ideal for cost-sensitive applications where standby cur-
rent must be kept to a minimum.
The LT1109-5 can deliver 5V at 100mA from a 3V input
and the LT1109-12 can deliver 12V at 60mA from a 5V
input. The 8-pin versions also feature a logic controlled
SHUTDOWN pin that turns off the oscillator when taken
low. The gated-oscillator design requires no frequency
compensation components. The high frequency 120kHz
oscillator permits the use of small surface mount induc-
tors and capacitors. For a 5V to 12V at 120mA converter,
see the LT1109A. Foa a 5V to 12V at 200mA converter
with 20
µA shutdown current, see the LT1301.
SHUTDOWN
5V/DIV
OV
VOUT
5V/DIV
1ms/DIV
LT1109 • TA02
L1
LT1109 • TA01
+
GND
SW
SENSE
LT1109CS8-12
VOUT
12V
80mA
MBRS120T3
VIN
VIN
5V
SHUTDOWN
PROGRAM
SHUTDOWN*
* 8-PIN PACKAGE ONLY
L1 = SUMIDA CD54-330LC (IOUT = 80mA)
COILTRONICS CTX33-1 (80mA)
MURATA-ERIE LQH4N330K (I
OUT = 50mA)
ISI LCS2414-330K (IOUT = 50mA)
**C1 = MATSUO 267M1602226 OR EQUIVALENT
¦
¦
33
µH
1
7
3
8
C1**
22
µF
16V
4
Flash Memory Program Output
OUTPUT CURRENT (mA)
0
0
3
6
9
12
15
10
100
LT1109 • TPC01
20 30 40 50 60 70 80 90
VIN = 5V
Output Voltage


Similar Part No. - LT1109

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1109 LINER-LT1109 Datasheet
212Kb / 8P
Micropower Low Cost DC/DC Converter Adjustable and Fixed 5V, 12V
LT1109-12 LINER-LT1109-12 Datasheet
212Kb / 8P
Micropower Low Cost DC/DC Converter Adjustable and Fixed 5V, 12V
LT1109-5 LINER-LT1109-5 Datasheet
212Kb / 8P
Micropower Low Cost DC/DC Converter Adjustable and Fixed 5V, 12V
LT1109A LINER-LT1109A Datasheet
206Kb / 8P
Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V, 12V
LT1109A LINER-LT1109A Datasheet
153Kb / 8P
Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V, 12V
More results

Similar Description - LT1109

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1107 LINER-LT1107 Datasheet
254Kb / 12P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1109 LINER-LT1109 Datasheet
212Kb / 8P
Micropower Low Cost DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111 Datasheet
337Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_03 Datasheet
237Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073 LINER-LT1073_1 Datasheet
258Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073 LINER-LT1073_15 Datasheet
264Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107_15 Datasheet
217Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1173 LINER-LT1173_15 Datasheet
267Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108_15 Datasheet
241Kb / 12P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_15 Datasheet
247Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com