Electronic Components Datasheet Search
  English  ▼

X  

LT1303 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1303
Description  Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1303 Datasheet(HTML) 1 Page - Linear Technology

  LT1303 Datasheet HTML 1Page - Linear Technology LT1303 Datasheet HTML 2Page - Linear Technology LT1303 Datasheet HTML 3Page - Linear Technology LT1303 Datasheet HTML 4Page - Linear Technology LT1303 Datasheet HTML 5Page - Linear Technology LT1303 Datasheet HTML 6Page - Linear Technology LT1303 Datasheet HTML 7Page - Linear Technology LT1303 Datasheet HTML 8Page - Linear Technology LT1303 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1303/LT1303-5
Micropower High Efficiency
DC/DC Converters with
Low-Battery Detector
Adjustable and Fixed 5V
FEATURES
s
5V at 200mA from a 2V Input
s
Supply Voltage As Low As 1.8V
s
Up to 88% Efficiency
s
120
µA Quiescent Current
s
Low-Battery Detector
s
Low VCESAT Switch: 170mV at 1A Typ
s
Uses Inexpensive Surface Mount Inductors
s
8-Lead PDIP or SO Package
DESCRIPTION
s
EL Panel Drivers
s
2-Cell and 3-Cell to 5V Conversion
s
Palmtop Computers
s
Portable Instruments
s
Bar-Code Scanners
s
PDAs
s
Wireless Systems
APPLICATIONS
TYPICAL APPLICATION
The LT
®1303/LT1303-5 are micropower step-up high
efficiency DC/DC converters using Burst Mode
TM opera-
tion. They are ideal for use in small, low-voltage battery-
operated systems. The LT1303-5 accepts an input voltage
between 1.8V and 5V and converts it to a regulated 5V. The
LT1303 is an adjustable version that can supply an output
voltage up to 25V. Quiescent current is only 120
µA from
the battery and the shutdown pin further reduces current
to 10
µA. The low-battery detector provides an open-
collector output that goes low when the input voltage
drops below a preset level. The on-chip NPN power switch
has a low 170mV saturation voltage at a switch current
of 1A. The LT1303/LT1303-5 are available in 8-lead PDIP
or SO packages, easing board space requirements.
For higher output current, please see the LT1305 or
LT1302.
LOAD CURRENT (mA)
0.1
30
70
80
90
1
100
10
1000
LT1303 TA01
60
50
40
VIN = 2V
VIN = 4V
VIN = 2.5V
VIN = 3V
5V Output Efficiency
VIN
SW
GND
PGND
SENSE
LBI
LBO
SHDN
LT1303-5
+
+
100k
100
µF
SHUTDOWN
412k
1%
100
µF
2 CELLS
316k
1%
L1
22
µH
1N5817
VOUT, 5V
200mA
LOW BATTERY
GOES LOW AT
VBAT = 2.2V
L1 = SUMDIA CD54-220
LT1303 TA02
Figure 1. 2-Cell to 5V DC/DC Converter with Low-Battery Detect
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode is a trademark of Linear Technology Corporation.


Similar Part No. - LT1303

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1303 LINER-LT1303 Datasheet
280Kb / 12P
Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
LT1303-5 LINER-LT1303-5 Datasheet
280Kb / 12P
Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
LT1303-5 LINER-LT1303-5 Datasheet
259Kb / 12P
Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
LT1303-5 LINER-LT1303-5_15 Datasheet
259Kb / 12P
Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
LT1303CN8 LINER-LT1303CN8 Datasheet
280Kb / 12P
Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
More results

Similar Description - LT1303

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1107 LINER-LT1107 Datasheet
254Kb / 12P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111 Datasheet
337Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1302 LINER-LT1302 Datasheet
360Kb / 16P
Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
LT1303 LINER-LT1303 Datasheet
280Kb / 12P
Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
LT1111 LINER-LT1111_03 Datasheet
237Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073 LINER-LT1073_1 Datasheet
258Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
logo
Unisonic Technologies
UC2306 UTC-UC2306 Datasheet
506Kb / 12P
MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR
logo
Linear Technology
LT1303-5 LINER-LT1303-5_15 Datasheet
259Kb / 12P
Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
LT1302 LINER-LT1302_15 Datasheet
323Kb / 16P
Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
LT1302-5 LINER-LT1302-5_15 Datasheet
323Kb / 16P
Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com