Electronic Components Datasheet Search
  English  ▼

X  

LT1304 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1304
Description  Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1304 Datasheet(HTML) 1 Page - Linear Technology

  LT1304 Datasheet HTML 1Page - Linear Technology LT1304 Datasheet HTML 2Page - Linear Technology LT1304 Datasheet HTML 3Page - Linear Technology LT1304 Datasheet HTML 4Page - Linear Technology LT1304 Datasheet HTML 5Page - Linear Technology LT1304 Datasheet HTML 6Page - Linear Technology LT1304 Datasheet HTML 7Page - Linear Technology LT1304 Datasheet HTML 8Page - Linear Technology LT1304 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1304/LT1304-3.3/LT1304-5
Micropower
DC/DC Converters with
Low-Battery Detector
Active in Shutdown
The LT
®1304 is a micropower step-up DC/DC converter
ideal for use in small, low voltage, battery-operated sys-
tems. The devices operate from a wide input supply range
of 1.5V to 8V. The LT1304-3.3 and LT1304-5 generate
regulated outputs of 3.3V and 5V and the adjustable
LT1304 can deliver output voltages up to 25V. Quiescent
current, 120
µA in active mode, decreases to just 10µA in
shutdown with the low-battery detector still active. Peak
switch current, internally set at 1A, can be reduced by
adding a single resistor from the ILIM pin to ground. The
high speed operation of the LT1304 allows the use of
small, surface-mountable inductors and capacitors. The
LT1304 is available in an 8-lead SO package.
, LTC and LT are registered trademarks of Linear Technology Corporation.
APPLICATIONS
s
2-, 3-, or 4-Cell to 5V or 3.3V Step-Up
s
Portable Instruments
s
Bar Code Scanners
s
Palmtop Computers
s
Diagnostic Medical Instrumentation
s
Personal Data Communicators/Computers
s
5V at 200mA from Two Cells
s
10
µA Quiescent Current in Shutdown
s
Operates with VIN as Low as 1.5V
s
Low-Battery Detector Active in Shutdown
s
Low Switch VCESAT: 370mV at 1A Typical
s
120
µA Quiescent Current in Active Mode
s
Switching Frequency Up to 300kHz
s
Programmable Peak Current with One Resistor
s
8-Lead SO Package
FEATURES
DESCRIPTION
TYPICAL APPLICATION
Efficiency
LOAD CURRENT (mA)
40
50
60
70
80
90
1304 TA02
0.1
1
10
500
100
VIN = 3.3V
VIN = 2.5V
VIN = 1.8V
VIN
SW
SHDN
GND
SENSE
LBI
34
8
2
5
7
6
1
LBO
ILIM
LT1304-5
+
+
100k
100
µF
NC
*
**
604k
100
µF
2 CELLS
499k
22
µH*
D1**
5V
200mA
LBO
LOW WHEN
VBAT < 2.2V
SUMIDA CD54-220
1N5817
1304 TA01
SHUTDOWN
2-Cell to 5V Step-Up Converter with Low-Battery Detect


Similar Part No. - LT1304

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1304 LINER-LT1304 Datasheet
345Kb / 16P
Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
logo
Unisonic Technologies
LT1304 UTC-LT1304 Datasheet
267Kb / 19P
MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR ACTIVE IN SHUTDOWN
logo
Linear Technology
LT1304-3.3 LINER-LT1304-3.3 Datasheet
345Kb / 16P
Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304-3.3 LINER-LT1304-3.3 Datasheet
309Kb / 16P
Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304-3.3 LINER-LT1304-3.3_15 Datasheet
309Kb / 16P
Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
More results

Similar Description - LT1304

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1303 LINER-LT1303 Datasheet
280Kb / 12P
Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
LT1304 LINER-LT1304 Datasheet
345Kb / 16P
Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1305 LINER-LT1305 Datasheet
236Kb / 8P
Micropower High Power DC/DC Converter with Low-Battery Detector
logo
Unisonic Technologies
LT1304 UTC-LT1304 Datasheet
267Kb / 19P
MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR ACTIVE IN SHUTDOWN
UC2306 UTC-UC2306 Datasheet
506Kb / 12P
MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR
logo
Linear Technology
LT1303 LINER-LT1303_15 Datasheet
259Kb / 12P
Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
LT1303-5 LINER-LT1303-5_15 Datasheet
259Kb / 12P
Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
LT1305 LINER-LT1305_15 Datasheet
224Kb / 8P
Micropower High Power DC/DC Converter with Low-Battery Detector
LT1304-3.3 LINER-LT1304-3.3_15 Datasheet
309Kb / 16P
Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304-5 LINER-LT1304-5_15 Datasheet
309Kb / 16P
Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com