Electronic Components Datasheet Search
  English  ▼

X  

LT1313 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1313
Description  Dual PCMCIA VPP Driver/Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1313 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1313 Datasheet HTML 4Page - Linear Technology LT1313 Datasheet HTML 5Page - Linear Technology LT1313 Datasheet HTML 6Page - Linear Technology LT1313 Datasheet HTML 7Page - Linear Technology LT1313 Datasheet HTML 8Page - Linear Technology LT1313 Datasheet HTML 9Page - Linear Technology LT1313 Datasheet HTML 10Page - Linear Technology LT1313 Datasheet HTML 11Page - Linear Technology LT1313 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1313
TYPICAL APPLICATIONS
Dual Slot PCMCIA Driver/Regulator Powered from
Auxiliary Winding on 5V Inductor of LTC1142HV Dual 5V/3.3V Switching Regulator
14V AUXILIARY SUPPLY
D1
MBRS140
D2
MBRS140
D3
MBRS130T3
Q4
VN7002
VIN
6.5V TO 18V
C4
1000pF
C2
1000pF
C3
220µF
C1
68
µF
C5
22µF
1µF
5V
OUTPUT
Q1
10
9
20
LTC1148
SINGLE
5V REG
15
14
VIN
AEN0
AEN1
AVALID
BEN0
BEN1
BVALID
PDRIVE
NDRIVE
SENSE+
SENSE–
NOTE: SEE LT1312 DATA SHEET APPLICATIONS SECTION
FOR FURTHER DETAILS ON THIS CIRCUIT
T1*
1.8T
30µH
Q2
R4
22
Ω
R1
100
Ω
R3
18k
R2
100
Ω
R5
0.033
Ω
1313 TA04
Q3
VN7002
+
+
+
TO “A” SLOT
VPP PINS
TO “B” SLOT
VPP PINS
FROM “A” SLOT
VCC PIN
FROM “B” SLOT
VCC PIN
1
µF
+
+
ASENSE
AVPPOUT
GND
GND
LT1313
VS
VS
AEN0
AEN1
BSENSE
BVPPOUT
BVALID
BEN0
BEN1
AVALID
*LPE-6562-A026 DALE (605) 655-9301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com