Electronic Components Datasheet Search
  English  ▼

X  

ABS2 Datasheet(PDF) 1 Page - Compact Technology Corp.

Part # ABS2
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

ABS2 Datasheet(HTML) 1 Page - Compact Technology Corp.

  ABS2 Datasheet HTML 1Page - Compact Technology Corp. ABS2 Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ABS05 thru ABS10
FEATURES
Rating to 1000V PRV
Ideal for printed circuit board
Reliable low cost construction utilizing molded plastic
technique
The plastic material has UL flammability classification
94V-0
In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
Polarity : As marked on Body
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
GLASS PASSIVATED BRIDGE RECTIFIERS
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 1.0 Amperes
PARAMETER
SYMBOL
ABS
05
ABS
1
ABS
2
ABS
4
ABS
6
ABS
8
ABS
10
UNIT
Maximum recurrent peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS bridge input voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
@TA=50℃
IF
A
I
2t Rating for fuisng (t< 8.3mS)
I
2tA2sec
Peak forward surge current, single sine-wave
superim posed on rated load (JEDEC method)
IFSM
A
Maximum instantaneous Forward Voltage
Drop per element at 1.0A DC
VF
V
Maximum DC Reverse Current @TA=25℃
at Rated DC Blocking Voltage @TA=100℃
IR
uA
Typical Theraml Resistance
'C
Operating Temperature Range
TJ
-55 to +150
'C
30
1.1
5.0
500
1.0
3.75
1 of 2
ABS05 thru ABS10
-55 to +150
'C/W
TSTG
RTHJA
StorageTemperature Range
55
ABS
1
2
3
4
.150(3.80)
.165(4.20)
.236(6.00)
.252(6.40)
.028(0.70)
.020(0.50)
.205(5.20)
.189(4.80)
.026(0.65)
.033(0.85)
.060(1.50)
.051(1.30)
.002(0.05)
.006(0.15)
1~10
°
.165(4.20)
.181(4.60)
+
-
~~
Unit: inches (mm)


Similar Part No. - ABS2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ABS2 ETC1-ABS2 Datasheet
451Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
ABS2 TSC-ABS2 Datasheet
58Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
ABS2 TSC-ABS2 Datasheet
244Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Diotech Company.
ABS2 DIOTECH-ABS2 Datasheet
729Kb / 2P
MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
ABS2 TSC-ABS2 Datasheet
338Kb / 2P
Single Phase 1.0AMP Glass Passivated Bridge Rectifiers
More results

Similar Description - ABS2

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
GBPC15005W-G COMCHIP-GBPC15005W-G Datasheet
91Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
KBL400G NJSEMI-KBL400G Datasheet
152Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
MB30A BYTESONIC-MB30A Datasheet
298Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
Version 1.0 2018/5/7
logo
HY ELECTRONIC CORP.
GBU35005 HY-GBU35005_V01 Datasheet
431Kb / 3P
Glass Passivated Bridge Rectifiers
GBP005 HY-GBP005_V01 Datasheet
491Kb / 3P
Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com