Electronic Components Datasheet Search
  English  ▼

X  

GUS5B Datasheet(PDF) 1 Page - Compact Technology Corp.

Part # GUS5B
Description  ULTRA FAST GLASS PASSIVATED RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

GUS5B Datasheet(HTML) 1 Page - Compact Technology Corp.

  GUS5B Datasheet HTML 1Page - Compact Technology Corp. GUS5B Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
For surface mounted applications
Low reverse leakage current
Fast reverse recovery time
High current capability
The plastic material carries UL recognition 94V-0
MECHANICAL DATA
Case : SM
C
Polarity : Color band denotes cathode
Weight:0.
231 grams
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
1 of 2
GUS
A
GUS
B
GUS
D
GUS
G
GUS
J
GUS
K
GUS
M
SMC
All Dimensions in millimeter
SMC
DIM.
MIN.
MAX.
A
C
D
E
F
G
H
B
6.60
7.11
6.22
5.59
2.75
3.15
0.31
0.15
7.75
8.13
0.05
0.20
2.00
2.62
0.76
1.52
Glass passivated chip
GUS5A thru GUS5M
GUS5A thru GUS5M
C
B
A
H
E
F
G
D
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT -
5.0 Ampere
ULTRA FAST
GLASS PASSIVATED RECTIFIERS


Similar Part No. - GUS5B

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
GUS-QRC1284-332-KM IRCTT-GUS-QRC1284-332-KM Datasheet
130Kb / 2P
TaNCap QSOP IEEE 1284 Filter Network
GUS-QRC1284-332-MM IRCTT-GUS-QRC1284-332-MM Datasheet
130Kb / 2P
TaNCap QSOP IEEE 1284 Filter Network
GUS-QRC1284X2-1-KM IRCTT-GUS-QRC1284X2-1-KM Datasheet
540Kb / 3P
TaNCap IEEE 1284 Integrated Filter Network
GUS-QRC1284X2LF-1-KM IRCTT-GUS-QRC1284X2LF-1-KM Datasheet
540Kb / 3P
TaNCap IEEE 1284 Integrated Filter Network
GUS-QS001-01-56R0-J IRCTT-GUS-QS001-01-56R0-J Datasheet
170Kb / 1P
TaNSil0 0.025 Lead Pitch High Frequency Resistor Network
More results

Similar Description - GUS5B

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
UG1007 LITEON-UG1007 Datasheet
35Kb / 2P
ULTRA FAST GLASS PASSIVATED RECTIFIERS
logo
Compact Technology Corp...
UF1001G CTC-UF1001G Datasheet
38Kb / 2P
ULTRA FAST GLASS PASSIVATED RECTIFIERS
UF2001G CTC-UF2001G Datasheet
38Kb / 2P
ULTRA FAST GLASS PASSIVATED RECTIFIERS
UF3001G CTC-UF3001G Datasheet
38Kb / 2P
ULTRA FAST GLASS PASSIVATED RECTIFIERS
UF1001G CTC-UF1001G_15 Datasheet
54Kb / 2P
ULTRA FAST GLASS PASSIVATED RECTIFIERS
UF3001G CTC-UF3001G_15 Datasheet
54Kb / 2P
ULTRA FAST GLASS PASSIVATED RECTIFIERS
UF2001G CTC-UF2001G_15 Datasheet
53Kb / 2P
ULTRA FAST GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
MUR405EG HY-MUR405EG_17 Datasheet
137Kb / 3P
ULTRA FAST GLASS PASSIVATED RECTIFIERS
UF3001EG HY-UF3001EG Datasheet
433Kb / 3P
Ultra Fast Glass Passivated Rectifiers
MUR405EG HY-MUR405EG_V01 Datasheet
415Kb / 3P
Ultra Fast Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com