Electronic Components Datasheet Search
  English  ▼

X  

AN1220 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN1220
Description  LINECARD PROTECTION BY OVERVOLTAGE AND OVERCURRENT WITH A CLP270M
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1220 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN1220 Datasheet HTML 5Page - STMicroelectronics AN1220 Datasheet HTML 6Page - STMicroelectronics AN1220 Datasheet HTML 7Page - STMicroelectronics AN1220 Datasheet HTML 8Page - STMicroelectronics AN1220 Datasheet HTML 9Page - STMicroelectronics AN1220 Datasheet HTML 10Page - STMicroelectronics AN1220 Datasheet HTML 11Page - STMicroelectronics AN1220 Datasheet HTML 12Page - STMicroelectronics AN1220 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
APPLICATION NOTE
10/13
2.2. Speech mode
Figures 14 and 15 give the voltage and current behavior during positive and negative 2.5kV, 2/10
µs, 500A
surge tests using a LCP1511D as second stage protection device. The firing threshold values are now
adjusted to GND and to -Vbat (-48V) by the action of the second stage protection which acts as an external
voltage reference.
As shown on these figures, the maximum remaining voltage does not exceed +8.5V for positive surges and
-65V for negative surges.
2/10 µs
GENERATOR
+/- 5 kV
(500 A)
4
TIPL
TIPS
GND
1/2 CLP270M
I
V1
50
I2
SLIC
LCP1511D
-48V
V2
1
Rsense
Rp
Fig. 13: Lightning test in speech mode.
Fig. 14: CLP270M response to a positive surge.
Fig. 15: CLP270M reponse to a negative surge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com