Electronic Components Datasheet Search
  English  ▼

X  

AN1479 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN1479
Description  Due to increasing consumer awareness
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1479 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN1479 Datasheet HTML 5Page - STMicroelectronics AN1479 Datasheet HTML 6Page - STMicroelectronics AN1479 Datasheet HTML 7Page - STMicroelectronics AN1479 Datasheet HTML 8Page - STMicroelectronics AN1479 Datasheet HTML 9Page - STMicroelectronics AN1479 Datasheet HTML 10Page - STMicroelectronics AN1479 Datasheet HTML 11Page - STMicroelectronics AN1479 Datasheet HTML 12Page - STMicroelectronics AN1479 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12/13
HIGH-PERFORMANCE MOTOR SYSTEM FOR WASHING MACHINES
APPENDIX: MOTOR CHARACTERISTICS
MANUFACTURER:
SELNI - NEVERS - FRANCE
MOTOR:
AHV 2-42-
MAIN CHARACTERISTICS:
MOTOR for WASHING MACHINES
Phase to phase voltage: 0 to 190 V or 0 to 250V
Frequency (F):
0 to 340 Hz
Insulation Class:
F
Geometry:
drawing 10102
Speed ratio:
10 to 16
W.M Speed:
0 to 1800 RPM
SPECIAL CHARACTERISTICS:
Stack Thickness:
42 mm
Stator ref:
drawing 10230
Stator lamination ref:
21760 (24 slots)
Winding:
2 poles, embedded, real poles
R= 3,5
Ω ± 5% ph to ph. at 23°C
Without thermal protector
Rotor ref:
drawing 10207T01
Rotor lamination ref:
27525 (28 slots)
Tacho Generator:
Electromagnet T 31 (2*8 poles)
Optimum slip:
From 3 Hz at low Frequencies to 8 HZ at high Frequencies
Maximum Torque:
2 to 3 Nm at low speed
Maximal slip:
For F
≤ 5 Hz
⇒5 Hz
13 Hz
⇒5 Hz
25 Hz
⇒16 Hz
200 Hz
⇒28 Hz 340 Hz⇒35 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com