Electronic Components Datasheet Search
  English  ▼

X  

AN2053 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2053
Description  SLIC protection for both classical and new networks
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2053 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2053 Datasheet HTML 7Page - STMicroelectronics AN2053 Datasheet HTML 8Page - STMicroelectronics AN2053 Datasheet HTML 9Page - STMicroelectronics AN2053 Datasheet HTML 10Page - STMicroelectronics AN2053 Datasheet HTML 11Page - STMicroelectronics AN2053 Datasheet HTML 12Page - STMicroelectronics AN2053 Datasheet HTML 13Page - STMicroelectronics AN2053 Datasheet HTML 14Page - STMicroelectronics AN2053 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AN2053
Long line protection
Doc ID 10917 Rev 2
11/15
Figure 16.
LCPx2-150B1 behavior during GR-1089 Core first level AC test, 600V,
RS = 50
Ω
Figure 16 shows current and voltage waveforms for the LCPx2-150B1.This shows that the
maximum remaining voltage across the TIP or RING line versus ground is roughly equal to
the Gp and Gn gate bias voltage ± 65 V.
Is : 200mA/div
VTip : 20V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com