Electronic Components Datasheet Search
  English  ▼

X  

AN2456 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2456
Description  Protection of single battery voltage SLICs for new networks in US market
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2456 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2456 Datasheet HTML 7Page - STMicroelectronics AN2456 Datasheet HTML 8Page - STMicroelectronics AN2456 Datasheet HTML 9Page - STMicroelectronics AN2456 Datasheet HTML 10Page - STMicroelectronics AN2456 Datasheet HTML 11Page - STMicroelectronics AN2456 Datasheet HTML 12Page - STMicroelectronics AN2456 Datasheet HTML 13Page - STMicroelectronics AN2456 Datasheet HTML 14Page - STMicroelectronics AN2456 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Conclusion
AN2456
14/15
The protection solution was tested for all configurations, but only two are illustrated for
brevity. All other test results are available upon request. The TCP 500 mA fuse opened
safely in all cases (i.e. without smoke or fire) and ensured Telcordia GR1089 Second level
compliance. There was no damage to the SLIC or even the LCP1521S after the power cross
tests. Although not required by the Telcordia standard, this sort of co-ordination of serial and
parallel protection reduces the system down time and keeps system recovery costs low after
a power cross in the field.
4
Conclusion
The purpose of this application note was to propose a complete protection solution for single
battery voltage SLICs located in remote terminals, at customer premises, in the US.
Therefore, the standard that has been considered for lightning and power crossing tests in
order to validate this protection solution is the Telcordia GR1089 Intrabuilding (equipment
port type 4).
The protection solution consists of programmable overvoltage protection and fuses for
overcurrent protection. The overvoltage protection device is an ST product based on the
crowbar concept (LCP1521S). While the series protection is mainly done using fuses TCP
500 mA from Cooper-Bussman. There is a 10
Ω resistor on each wire that makes the fuses
TCP500mA compatible with the LCP1521S and makes the solution compliant with the
Telcordia GR1089 Intrabuilding standard.
All the tests mentioned in the tables of the Telcordia GR1089 Intrabuilding standard were
performed on the STLC3055N evaluation board shown in Figure 7 on page 8, with both
external fuses and 10
Ω resistors. All test results are available upon request. These results
showed that there was no impact on either of the fuses during lightning tests, while they
opened safely, in time to protect the SLIC and the LCP1521S, during power crossing tests.
The presented protection topology is an effective protection solution for single battery
voltage SLICs located at remote terminals in the US. The application note is intended only
as a guideline. While the STLC3055N is a good example of a single battery voltage SLIC
that one might see in a remote terminal, SLIC designs are excessively variant and therefore
exact implementation of the above circuitry for a different SLIC may or may not be the most
efficient solution.
5
Revision history
Date
Revision
Changes
03-Nov-2006
1
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com