Electronic Components Datasheet Search
  English  ▼

X  

AN2846 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2846
Description  The serial current limited termination device
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2846 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2846 Datasheet HTML 12Page - STMicroelectronics AN2846 Datasheet HTML 13Page - STMicroelectronics AN2846 Datasheet HTML 14Page - STMicroelectronics AN2846 Datasheet HTML 15Page - STMicroelectronics AN2846 Datasheet HTML 16Page - STMicroelectronics AN2846 Datasheet HTML 17Page - STMicroelectronics AN2846 Datasheet HTML 18Page - STMicroelectronics AN2846 Datasheet HTML 19Page - STMicroelectronics AN2846 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Application guidelines
AN2846
16/35
Doc ID 15130 Rev 1
Figure 23.
Digital inputs diagram.
The digital output signal MISO is delivered through a high-Z impedance buffer able to
source or sink 3 mA.
Figure 24.
Digital output MOSI
/CS
SCK
MOSI
VDD
COMS
VDD
EN
UVA
M1
M2
MOSI
COM
COMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35