Electronic Components Datasheet Search
  English  ▼

X  

AN3031 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3031
Description  SCLT3-8 input termination demonstration board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3031 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3031 Datasheet HTML 14Page - STMicroelectronics AN3031 Datasheet HTML 15Page - STMicroelectronics AN3031 Datasheet HTML 16Page - STMicroelectronics AN3031 Datasheet HTML 17Page - STMicroelectronics AN3031 Datasheet HTML 18Page - STMicroelectronics AN3031 Datasheet HTML 19Page - STMicroelectronics AN3031 Datasheet HTML 20Page - STMicroelectronics AN3031 Datasheet HTML 21Page - STMicroelectronics AN3031 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
SPI communication speed calculation
AN3031
18/28
Doc ID 16144 Rev 1
4
SPI communication speed calculation
The chips are connected in cascade (daisy chain) decoupled from the control unit by high-
speed low power optocouplers. SPI signals are filtered by RC cells (Rf = 220, Cf = 100 pF)
placed close to each SCLT3-8BT8 and microcontroller SPI inputs. The signal filtering
implementation reduces the communication bandwidth of the SPI bus.
Using the following simple equations, we can estimate the upper limit of the communication
frequency:
Equation 1
then
Equation 2
and
Equation 3
where:
tsu is the data setup time of the microcontroller
(for ST 32-bit microcontrollers like the STM32x, it is 5 ns)
tptot is the total propagation delay which is a sum of the propagation delays on the
SPI - CLK and MISO lines and write out propagation time (influenced by the
galvanic isolator, RC filtering cells and SCLT3-8BT8 chip)
The total propagation delay measured on the application is visible in the figure below; its
value is approximately 160 ns. The maximum communication frequency, considering tsu
(data setup time of an SPI master) as 5 ns, is then:
Equation 4
Equation 5
T
CLKM IN
2
-----------------------
t
su
–
t
ptot
=
T
CLKMIN
2t
ptot
t
su
+
()
×
=
f
CL KM AX
1
T
CLKMIN
-----------------------
=
T
CL KM IN a pplicatio n
–
2t
pto t
t
su
+
()
×
2
160ns
5ns
+
()
×
330ns
==
=
f
CLKM AX ap plica tion
–
1
T
CL KM IN
-----------------------
1
330ns
-----------------
3MHz
≅
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com