Electronic Components Datasheet Search
  English  ▼

X  

UPD4723 Datasheet(PDF) 7 Page - NEC

Part # UPD4723
Description  RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4723 Datasheet(HTML) 7 Page - NEC

Back Button UPD4723 Datasheet HTML 3Page - NEC UPD4723 Datasheet HTML 4Page - NEC UPD4723 Datasheet HTML 5Page - NEC UPD4723 Datasheet HTML 6Page - NEC UPD4723 Datasheet HTML 7Page - NEC UPD4723 Datasheet HTML 8Page - NEC UPD4723 Datasheet HTML 9Page - NEC UPD4723 Datasheet HTML 10Page - NEC UPD4723 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
µPD4723
7
ELECTRICAL SPECIFICATIONS (DRIVER)
(UNLESS OTHERWISE SPECIFIED, TA = –40 to +85
°C, C1 to C5 = 1
µF)
3 V mode (unless otherwise specified, VCHA = H, VCC = 3.0 to 3.6 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Low-Level Input Voltage
VIL
0.8
V
High-Level Input Voltage
VIH
2.0
V
Low-Level Input Current
IIL
VCC = +3.6 V, VI = 0 V
–25
µA
High-Level Input Current
IIH
VCC = +3.6 V, VI = 3.6 V
1.0
µA
VCC = +3.3 V, RL =
∞, TA = 25 °C
±9.5
V
Output Voltage
VDO
VCC = +3.3 V, RL = 3 k
Ω, TA = Topt
±5.0
±6.0
V
VCC = +3.0 V, RL = 3 k
Ω, TA = +25 °C
±5.0
V
Output Short-Circuit Current
ISC
VCC = +3.3 V, for GND
±40
mA
Slew-RateNote 9
SR
CL = 10 pF, RL = 3 to 7 k
Ω
3.0
30
V/
µs
CL = 2 500 pF, RL = 3 to 7 k
Ω
3.0
30
V/
µs
Propagation Delay TimeNote 9
tPHL
RL = 3 kW, CL = 2 500 pF
2.5
µs
tPLH
Output Resistor
RO
VCC = VDD = VSS = 0 V
300
Ω
VOUT =
±2 V
Standby Output Transfer Time
tDAZ
RL = 3 k
Ω, CL = 2 500 pF,Note 10
410
µs
Standby Output Transfer Time
tDZA
RL = 3 k
Ω, CL = 2 500 pF,Note 10
13
ms
Power-On Output Transfer Time
tPRA
RL = 3 k
Ω, CL = 2 500 pF,Note 11
13
ms
* The TYP. values are for reference at TA = 25
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com