Electronic Components Datasheet Search
  English  ▼

X  

CTRB751S Datasheet(PDF) 1 Page - Compact Technology Corp.

Part # CTRB751S
Description  SMALL SIGNAL SCHOTTKY BARRIER RECTIFIERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

CTRB751S Datasheet(HTML) 1 Page - Compact Technology Corp.

  CTRB751S Datasheet HTML 1Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CTRB520S thru CTRB751S
FEATURES
Metal-Semiconductor junction with guard ring
Epitaxial construction
Low forward voltage drop
High current capability
The plastic material carries UL recognition 94V-0
For use in low voltage,high frequency inverters,free
wheeling,and polarity protection applications
MECHANICAL DATA
Case : SOD-523
Polarity : Color band denotes cathode
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
SOD-523
SMALL SIGNAL
1 of 1
CTRB520S thru CTRB751S
REVERSE VOLTAGE - 30 Volts
SCHOTTKY BARRIER RECTIFIERS
I


Similar Part No. - CTRB751S

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CTRB751S CTC-CTRB751S Datasheet
99Kb / 1P
SMALL SIGNAL SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - CTRB751S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SBT10K45WS ETC1-SBT10K45WS Datasheet
46Kb / 3P
Small-Signal Schottky Barrier Diodes
logo
GOOD-ARK Electronics
LS101A GOOD-ARK-LS101A Datasheet
98Kb / 2P
Small Signal Schottky Barrier Diodes
MCL103A GOOD-ARK-MCL103A Datasheet
96Kb / 2P
Small Signal Schottky Barrier Diodes
MCL101A GOOD-ARK-MCL101A Datasheet
103Kb / 2P
Small Signal Schottky Barrier Diodes
logo
Compact Technology Corp...
CTRB520S CTC-CTRB520S Datasheet
99Kb / 1P
SMALL SIGNAL SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SCS372F SECOS-SCS372F Datasheet
261Kb / 2P
Small Signal Schottky Barrier Diode
SCS420SDF SECOS-SCS420SDF Datasheet
403Kb / 2P
Small Signal Schottky Barrier Diode
UMMD022 SECOS-UMMD022 Datasheet
60Kb / 2P
Surface Mount Small Signal Schottky Barrier Rectifiers
UMMD022 SECOS-UMMD022_15 Datasheet
43Kb / 2P
Surface Mount Small Signal Schottky Barrier Rectifiers
UMMD07540 SECOS-UMMD07540_15 Datasheet
57Kb / 2P
Surface Mount Small Signal Schottky Barrier Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com