Electronic Components Datasheet Search
  English  ▼

X  

AN4191 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN4191
Description  This report shows the analysis performed on Power MOSFET devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4191 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN4191 Datasheet HTML 11Page - STMicroelectronics AN4191 Datasheet HTML 12Page - STMicroelectronics AN4191 Datasheet HTML 13Page - STMicroelectronics AN4191 Datasheet HTML 14Page - STMicroelectronics AN4191 Datasheet HTML 15Page - STMicroelectronics AN4191 Datasheet HTML 16Page - STMicroelectronics AN4191 Datasheet HTML 17Page - STMicroelectronics AN4191 Datasheet HTML 18Page - STMicroelectronics AN4191 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AN4191
Rg impact for MOSFETs in buck/buck-boost configurations
Doc ID 023815 Rev 1
15/20
In order to evaluate the Rg impact on the LS false turn-on, two identical FETs (same silicon)
but different Rg values (1.5 Ω vs. 4 Ω) are mounted in the converter shown in Figure 16.
Figure 18 and 19 illustrate the LS gate-source waveforms for the two LS FETs.
Comparing the two images, the “high Rg” MOSFET has a higher and larger (over the
minimum threshold voltage) spurious bouncing than the standard device. This causes a
“shoot-through” event (for each switching cycle), that increases the converter power losses.
So, higher device (MOSFETs and driver) temperatures are measured when “high Rg”
samples are mounted on the board in the low-side position, as shown in the thermal
captures of Figure 20 (standard part) and Figure 21 (high Rg).
3.3
Synchronous buck converter for HDD: LS false turn-on risk
enhancement
Figure 22 shows (inside the light blue rectangle) a single phase synchronous buck
converter, which provides 1.18 V as output voltage, with 1.1 MHz as switching frequency.
Figure 18.
High Rg (4 Ω) LS turn-off
Figure 19.
Low Rg (1.5 Ω) LS turn-off
AM16425V1
AM16426V1
Figure 20.
Thermal capture for standard part
Figure 21.
Thermal capture for high Rg
AM16427V1
AM16428V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com