Electronic Components Datasheet Search
  English  ▼

X  

LT1780 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1780
Description  Low Power 5V RS232 Dual Driver/Receiver with 15kV ESD Protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1780 Datasheet(HTML) 1 Page - Linear Technology

  LT1780 Datasheet HTML 1Page - Linear Technology LT1780 Datasheet HTML 2Page - Linear Technology LT1780 Datasheet HTML 3Page - Linear Technology LT1780 Datasheet HTML 4Page - Linear Technology LT1780 Datasheet HTML 5Page - Linear Technology LT1780 Datasheet HTML 6Page - Linear Technology LT1780 Datasheet HTML 7Page - Linear Technology LT1780 Datasheet HTML 8Page - Linear Technology LT1780 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1780/LT1781
Low Power 5V RS232
Dual Driver/Receiver with
±15kV ESD Protection
TransZorb is a registered trademark of General Instruments, GSI.
R
Output Waveforms
1780/81 • TA02
DRIVER
OUTPUT
RL = 3k
CL = 2500pF
RECEIVER
OUTPUT
CL = 50pF
INPUT
0.1
µF
0.1
µF
0.1
µF
0.1
µF
LOGIC
INPUTS
LOGIC
OUTPUTS
ON/OFF
18
10
13
11
12
6
5
4
2
16
9
14
8
15
7
3
17
5V INPUT
V+ OUT
V – OUT
RS232 OUTPUT
RS232 OUTPUT
RS232 INPUT
RS232 INPUT
1780/81 • TA01
5k
5k
LT1780
APPLICATI
TYPICAL
S
FEATURE
DESCRIPTIO
The LT
®1780/LT1781 are dual RS232 driver/receiver pairs
with integral charge pump to generate RS232 voltage
levels from a single 5V supply. Using only 0.1
µF external
capacitors, these circuits consume only 40mW of power,
and can operate to 120kbaud even while driving heavy
capacitive loads. New ESD structures on the chip allow the
LT1780/LT1781 to survive
±15kV air gap and ±8kV con-
tact ESD tests per IEC 1000-4-2, eliminating the need for
costly TransZorbs
® on the RS232 line pins. The LT1780/
LT1781 are fully compliant with EIA RS232 standards.
Driver outputs are protected from overload, and can be
shorted to ground or up to
±30V without damage. During
SHUTDOWN or power-off conditions, driver and receiver
outputs are in a high impedance state, allowing line
sharing.
The LT1780/LT1781 are direct upgrades to the LT1180A/
LT1181A, LT1280A/LT1281A and LT1381 for applications
which require the utmost ESD protection.
The LT1781 is available in 16-pin DIP,SO and SW pack-
ages. The LT1780 is supplied in 18-pin DIP and SW
packages for applications which require SHUTDOWN.
s
10mA Max Supply Current
s
ESD Protection to IEC 1000-4-2 Level 4
±15kV Air Gap, ±8kV Contact
s
Uses Small Capacitors: 0.1
µF
s
120kBaud Operation for RL = 3k, CL = 2500pF
s
250kBaud Operation for RL = 3k, CL = 1000pF
s
Outputs Withstand
±30V Without Damage
s
CMOS Comparable Low Power: 40mW
s
Operates from a Single 5V Supply
s
Rugged Bipolar Design
s
Outputs Assume a High Impedance State When Off
or Powered Down
s
Meets All RS232 Specifications
s
Available With or Without Shutdown
s
Absolutely No Latch-up
s
Portable Computers
s
Battery-Powered Systems
s
Power Supply Generator
s
Terminals
s
Modems
S
APPLICATI
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LT1780

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1780 LINER-LT1780 Datasheet
276Kb / 12P
Low Power 5V RS232 Dual Driver/Receiver with 짹15kV ESD Protection
LT1780 LINER-LT1780 Datasheet
236Kb / 12P
Low Power 5V RS232 Dual Driver/Receiver with
LT1780 LINER-LT1780 Datasheet
115Kb / 8P
5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
logo
Linear Integrated Syste...
LT1780 LINEAR-LT1780 Datasheet
246Kb / 12P
Low Power 5V RS232 Dual Driver/Receiver with 15kV ESD Protection
logo
Linear Technology
LT1780CN LINER-LT1780CN Datasheet
276Kb / 12P
Low Power 5V RS232 Dual Driver/Receiver with 짹15kV ESD Protection
More results

Similar Description - LT1780

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1080 LINER-LT1080 Datasheet
213Kb / 12P
Advanced Low Power 5V RS232 Dual Driver/Receiver
LT1280A LINER-LT1280A Datasheet
250Kb / 8P
Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
LT1780 LINER-LT1780 Datasheet
276Kb / 12P
Low Power 5V RS232 Dual Driver/Receiver with 짹15kV ESD Protection
LT1781IS LINER-LT1781IS Datasheet
236Kb / 12P
Low Power 5V RS232 Dual Driver/Receiver with
logo
Linear Integrated Syste...
LT1780ISW LINEAR-LT1780ISW Datasheet
246Kb / 12P
Low Power 5V RS232 Dual Driver/Receiver with 15kV ESD Protection
logo
Linear Technology
LT1080 LINER-LT1080_15 Datasheet
168Kb / 12P
Advanced Low Power 5V RS232 Dual Driver/Receiver
LT1081 LINER-LT1081_15 Datasheet
168Kb / 12P
Advanced Low Power 5V RS232 Dual Driver/Receiver
LT1181A LINER-LT1181A_15 Datasheet
207Kb / 12P
Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1281A LINER-LT1281A_15 Datasheet
233Kb / 8P
Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1781 LINER-LT1781_15 Datasheet
255Kb / 12P
Low Power 5V RS232 Dual Driver/Receiver with 15kV ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com