Electronic Components Datasheet Search
  English  ▼

X  

MBR3020FCT Datasheet(PDF) 1 Page - Compact Technology Corp.

Part # MBR3020FCT
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

MBR3020FCT Datasheet(HTML) 1 Page - Compact Technology Corp.

  MBR3020FCT Datasheet HTML 1Page - Compact Technology Corp. MBR3020FCT Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR3020FCT thru MBR30200FCT
FEATURES
Metal-Semiconductor junction with guard ring
Low forward voltage drop
High current capability
The plastic material carries UL recognition 94V-0
For use in low voltage,high frequency inverters,free
wheeling,and polarity protection applications
MECHANICAL DATA
Polarity : Color band denotes cathode
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
SCHOTTKY BARRIER RECTIFIERS
REVERSE VOLTAGE - 20 to 200 Volts
FORWARD CURRENT - 30.0 Amperes
I
TO-220AB
Epitaxial construction
1 of 2
MBR3020FCT thru MBR30200FCT
PARAMETER
SYMBOL
MBR
3020FCT
MBR
3040FCT
MBR
3050FCT
MBR
3060FCT
MBR
3080FCT
MBR
30100FCT
MBR
30150FCT
MBR
30200FCT
UNIT
Maximum repetitive peak reverse voltage
VRRM
20
40
50
60
80
100
150
200
V
Maximum RMS voltage
VRMS
14
28
35
42
56
70
105
140
V
Maximum DC blocking voltage
VDC
20
40
50
60
80
100
150
200
V
Maximum average forward
rectified current
(Per leg)
IF
A
Peak forward surge current, 8.3ms single
half sine-wave superim posed on rated load
IFSM
A
Maximum instantaneous I F=15A@TA=25℃
@TA=100℃
VF
V
Maximum DC Reverse Current @TA=25℃
at Rated DC Blocking Voltage @TA=100℃
IR
mA
Typical Junction Capacitance
CJ
pF
Typical Thermal Resistance
RθJC
℃/W
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
3
-55 to +150
-55 to +175
0.2
20
700
550
420
330
30.0
15.0
200.0
0.60
0.54
0.69
0.61
0.82
0.68
0.87
0.73
ITO-220AB
Epitaxial construction
Dimensions in inches and (millimeters)
Case : ITO-220AB molded plastic
Weight : 1.689 grams


Similar Part No. - MBR3020FCT

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
MBR3020FCT CTC-MBR3020FCT Datasheet
57Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBR3020FCT MCC-MBR3020FCT Datasheet
202Kb / 3P
30 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR3020FCT KERSEMI-MBR3020FCT Datasheet
913Kb / 2P
30 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Yea Shin Technology Co....
MBR3020FCT YEASHIN-MBR3020FCT Datasheet
1Mb / 4P
30 AMPERE SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR3020FCT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com