Electronic Components Datasheet Search
  English  ▼

X  

LT3460 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3460
Description  1.3 MHz/650kHz Step-Up DC/DC Converter in SC70, ThinSOT and DFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3460 Datasheet(HTML) 2 Page - Linear Technology

  LT3460 Datasheet HTML 1Page - Linear Technology LT3460 Datasheet HTML 2Page - Linear Technology LT3460 Datasheet HTML 3Page - Linear Technology LT3460 Datasheet HTML 4Page - Linear Technology LT3460 Datasheet HTML 5Page - Linear Technology LT3460 Datasheet HTML 6Page - Linear Technology LT3460 Datasheet HTML 7Page - Linear Technology LT3460 Datasheet HTML 8Page - Linear Technology LT3460 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT3460/LT3460-1
2
3460fb
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VIN)....................................................16V
SW Voltage ...............................................................38V
FB Voltage...................................................................5V
SHDN Voltage ...........................................................16V
(Note 1)
5 VIN
4 SHDN
SW 1
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
GND 2
FB 3
TJMAX = 125°C, θJA = 256°C/W IN FREE AIR
θJA = 120°C ON BOARD OVER GROUND PLANE
6 VIN
5 GND
4 SHDN
SW 1
TOP VIEW
SC6 PACKAGE
6-LEAD PLASTIC SC70
GND 2
FB 3
TJMAX = 125°C, θJA = 400°C/W IN FREE AIR
θJA = 270°C/W ON BOARD OVER GROUND PLANE
TOP VIEW
SHDN
VIN
FB
NC
SW
DC PACKAGE
6-LEAD (2mm × 2mm) PLASTIC DFN
4
5
7
6
3
2
1
NC
TJMAX = 125°C, θJA = 102°C/W
EXPOSED PAD (PIN 7) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3460ES5#PBF
LT3460ES5#TRPBF
LTB1
5-Lead Plastic TSOT-23
–40°C to 85°C
LT3460ESC6#PBF
LT3460ESC6#TRPBF
LAAF
6-Lead Plastic SC70
–40°C to 85°C
LT3460ESC6-1#PBF
LT3460ESC6-1#TRPBF
LDJV
6-Lead Plastic SC70
–40°C to 85°C
LT3460EDC-1#PBF
LT3460EDC-1#TRPBF
LDNB
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Ambient
Temperature Range (Note 2)....................– 40°C to 85°C
Maximum Junction Temperature........................... 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com