Electronic Components Datasheet Search
  English  ▼

X  

N2222 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # N2222
Description  EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

N2222 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  N2222 Datasheet HTML 1Page - KEC(Korea Electronics) N2222 Datasheet HTML 2Page - KEC(Korea Electronics) N2222 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1996. 1. 28
1/3
SEMICONDUCTOR
TECHNICAL DATA
KN2222/A
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 0
GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION.
FEATURES
Low Leakage Current
: ICEX=10nA(Max.) ; VCE=60V, VEB(OFF)=3V.
Low Saturation Voltage
: VCE(sat)=0.3V(Max.) ; IC=150mA, IB=15mA.
Complementary to the KN2907/2907A.
MAXIMUM RATING (Ta=25
)
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
K
L
4.70 MAX
4.80 MAX
3.70 MAX
0.45
1.00
1.27
0.85
0.45
14.00 0.50
0.55 MAX
2.30
D
1
2
3
B
K
G
H
F
F
E
C
E
N
0.45 MAX
M
1.00
N
1. EMITTER
3. COLLECTOR
2. BASE
+
_
CHARACTERISTIC
SYMBOL
RATING
UNIT
KN2222
KN2222A
Collector-Base Voltage
VCBO
60
75
V
Collector-Emitter Voltage
VCEO
30
40
V
Emitter-Base Voltage
VEBO
5
6
V
Collector Current
IC
600
mA
Collector Power Dissipation
(Ta=25
)
PC
625
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150


Similar Part No. - N2222

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
N2222 STMICROELECTRONICS-N2222 Datasheet
172Kb / 7P
HIGH SPEED SWITCHES
Feb-2003
logo
NXP Semiconductors
N2222 PHILIPS-N2222 Datasheet
53Kb / 8P
NPN switching transistors
1997 May 29
logo
Microsemi Corporation
N2222 MICROSEMI-N2222 Datasheet
58Kb / 2P
NPN SILICON SWITCHING TRANSISTOR
120101
logo
ON Semiconductor
N2222 ONSEMI-N2222 Datasheet
90Kb / 3P
Small Signal Switching Transistor
August, 2012 ??Rev. 1
N2222 ONSEMI-N2222 Datasheet
165Kb / 6P
Amplifier Transistors(NPN Silicon)
April, 2007 -- Rev. 5
More results

Similar Description - N2222

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
2N2904E KEC-2N2904E Datasheet
51Kb / 4P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
2N3904 KEC-2N3904 Datasheet
192Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
2N3904C KEC-2N3904C Datasheet
205Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BC338 KEC-BC338 Datasheet
275Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BC849 KEC-BC849 Datasheet
146Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BSS64 KEC-BSS64 Datasheet
60Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KN2222S KEC-KN2222S Datasheet
268Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTC3114 KEC-KTC3114 Datasheet
395Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTC812E KEC-KTC812E Datasheet
78Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTN2222 KEC-KTN2222 Datasheet
471Kb / 5P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com