Electronic Components Datasheet Search
  English  ▼

X  

LTC699 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC699
Description  Microprocessor Supervisory Circuit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC699 Datasheet(HTML) 1 Page - Linear Technology

  LTC699 Datasheet HTML 1Page - Linear Technology LTC699 Datasheet HTML 2Page - Linear Technology LTC699 Datasheet HTML 3Page - Linear Technology LTC699 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
LTC699
s
Guaranteed Reset Assertion at VCC = 1V
s
1.5mA Maximum Supply Current
s
SO-8 Packaging
s
4.65V Precision Voltage Monitor
s
Power OK/Reset Time Delay: 200ms
s
Minimum External Component Count
s
Performance Specified Over Temperature
s
Superior Upgrade for MAX699
The LTC699 provides power supply monitoring for
microprocessor-based systems. The features include mi-
croprocessor reset and watchdog timing. Precise internal
voltage reference and comparator circuit monitor the
power supply line. When an out-of-tolerance condition
occurs, the RESET output is forced to active low. In
addition, the RESET output is guaranteed to remain logic
low even with VCC as low as 1V.
An internal watchdog timer is also available, which forces
the RESET output to active low when the watchdog input
is not toggled prior to the time-out period of 1.6 seconds.
The LTC699 is offered in DIP and surface mount packages.
DESCRIPTIO
S
FEATURE
Microprocessor
Supervisory Circuit
S
APPLICATI
s
Critical
µP Power Monitoring
s
Intelligent Instruments
s
Computers and Controllers
s
Automotive Systems
APPLICATI
TYPICAL
I
DAGRA
BLOCK
0.1µF
µP POWER
I/O LINE
µP RESET
µP
SYSTEM
0.1µF
500k
LTC699 TA1
VCC
GND
WDI
RESET
MICROPROCESSOR RESET AND WATCHDOG TIMING IN
A SINGLE CHIP FOR MICROPROCESSOR SYSTEMS.
+5V
LTC699
VCC
RESET PULSE
GENERATOR
WDI
1.3V
–
+
C1
OSC
RESET
LTC699 BD
GND
TRANSITION
DETECTOR
WATCHDOG
TIMER


Similar Part No. - LTC699

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC699 LINER-LTC699 Datasheet
156Kb / 4P
Microprocessor Supervisory Circuit
LTC699 LINER-LTC699 Datasheet
153Kb / 16P
Precision Quad Supply Monitor in 6-Lead SOT-23
LTC6990 LINER-LTC6990 Datasheet
317Kb / 28P
TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990 LINER-LTC6990 Datasheet
316Kb / 28P
TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990 LINER-LTC6990 Datasheet
759Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
More results

Similar Description - LTC699

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1232 AD-ADM1232 Datasheet
122Kb / 6P
Microprocessor Supervisory Circuit
REV.B
ADM809-5SL AD-ADM809-5SL Datasheet
96Kb / 6P
Microprocessor Supervisory Circuit
REV.0
logo
Linear Technology
LTC1232 LINER-LTC1232 Datasheet
378Kb / 7P
Microprocessor Supervisory Circuit
LTC1235 LINER-LTC1235 Datasheet
295Kb / 16P
Microprocessor Supervisory Circuit
LTC699 LINER-LTC699 Datasheet
156Kb / 4P
Microprocessor Supervisory Circuit
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
Microprocessor Supervisory Circuit
R5107G RICOH-R5107G Datasheet
532Kb / 15P
Microprocessor Supervisory Circuit
R5108G RICOH-R5108G Datasheet
458Kb / 13P
Microprocessor Supervisory Circuit
logo
Analog Devices
ADM1232 AD-ADM1232_08 Datasheet
263Kb / 12P
Microprocessor Supervisory Circuit
REV. C
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
Microprocessor Supervisory Circuit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com