Electronic Components Datasheet Search
  English  ▼

X  

LTC1069-6 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1069-6
Description  Single Supply, Very Low Power, Elliptic Lowpass Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1069-6 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1069-6 Datasheet HTML 2Page - Linear Technology LTC1069-6 Datasheet HTML 3Page - Linear Technology LTC1069-6 Datasheet HTML 4Page - Linear Technology LTC1069-6 Datasheet HTML 5Page - Linear Technology LTC1069-6 Datasheet HTML 6Page - Linear Technology LTC1069-6 Datasheet HTML 7Page - Linear Technology LTC1069-6 Datasheet HTML 8Page - Linear Technology LTC1069-6 Datasheet HTML 9Page - Linear Technology LTC1069-6 Datasheet HTML 10Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LTC1069-6
7
10696fa
APPLICATIONS INFORMATION
Temperature Behavior
The power supply current of the LTC1069-6 has a positive
temperature coefficient. The GBW product of its internal
op amps is nearly constant and the speed of the device
does not degrade at high temperatures. Figures 4a, 4b
and 4c show the behavior of the passband of the device
for various supplies and temperatures. The filter has a
passband behavior which is temperature independent.
Clock Feedthrough
The clock feedthrough is defined as the RMS value of the
clock frequency and its harmonics that are present at the
filter’s Output (Pin 8). The clock feedthrough is tested with
the Input (Pin 4) shorted to AGND (Pin 1) and depends on
PC board layout and on the value of the power supplies.
With proper layout techniques the values of the clock
feedthrough are shown in Table 2.
Table 2. Clock Feedthrough
VS
CLOCK FEEDTHROUGH
3.3V
100μVRMS
5V
170μVRMS
10V
350μVRMS
Any parasitic switching transients during the rising and
falling edges of the incoming clock are not part of the
clock feedthrough specifications. Switching transients
have frequency contents much higher than the applied
clock; their amplitude strongly depends on scope probing
techniques as well as grounding and power supply
bypassing. The clock feedthrough can be reduced by adding
a single RC lowpass filter at the Output (Pin 8).
FREQUENCY (kHz)
1
1
2
17
1069-6 F04a
0
–1
–2
5
9
13
319
7
11
15
21
VS = SINGLE 3V
VIN = 0.5VRMS
fCLK = 500kHz
fCUTOFF = 10kHz
85°C
–40°C
Figure 4a
FREQUENCY (kHz)
1
1
2
17
1069-6 F04a
0
–1
–2
5
9
13
319
7
11
15
21
VS = SINGLE 5V
VIN = 1VRMS
fCLK = 750kHz
fCUTOFF = 15kHz
85°C
–40°C
FREQUENCY (kHz)
1
1
2
25
1069-6 F04c
0
–1
–2
7
13
19
428
10
16
22
31
VS = ±5V
VIN = 1.5VRMS
fCLK = 1MHz
fCUTOFF = 20kHz
85°C
–40°C
Figure 4b
Figure 4c



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com