Electronic Components Datasheet Search
  English  ▼

X  

LTC1314 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1314
Description  PCMCIA Switching Matrix with Built-In N-Channel VCC Switch Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1314 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1314 Datasheet HTML 2Page - Linear Technology LTC1314 Datasheet HTML 3Page - Linear Technology LTC1314 Datasheet HTML 4Page - Linear Technology LTC1314 Datasheet HTML 5Page - Linear Technology LTC1314 Datasheet HTML 6Page - Linear Technology LTC1314 Datasheet HTML 7Page - Linear Technology LTC1314 Datasheet HTML 8Page - Linear Technology LTC1314 Datasheet HTML 9Page - Linear Technology LTC1314 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1314/LTC1315
EN0
EN1
VPPIN
VCCIN
VPPOUT
GND
NOTE: 1
µF CAPACITOR CONNECTED ON BOTH VPPIN AND VCCIN PINS AT TIMING TEST
t7
LTC1314 • SW
t5
t2
t4
t1
t6
t3
Hi-Z
APPLICATIONS INFORMATION
PCMCIA VPP control is easily accomplished using the
LTC1314 or LTC1315 switching matrix. Two control bits
(LTC1314) or four control bits (LTC1315) determine the
output voltage and standby/operate mode conditions. Out-
put voltages of 0V, VCCIN (3.3V or 5V), VPPIN, or a high
impedance state are available. When either the high imped-
ance or low voltage (0V) conditions are selected, the device
switches into “sleep” mode and draws 0.1
µA of current
from the VDD supply.
The LTC1314/LTC1315 are low resistance power MOSFET
switching matrices that operate from the computer system
main power supply. Device power is obtained from VDD,
which is 5V
±0.5V. The gate drives for the NFETs (both
internal and external) are derived from internal charge
pumps, therefore VPPIN is only required when it’s switched
to VPPOUT. Internal break-before-make switches deter-
mine the output voltage and device mode.
Flash Memory Card VPP Power Considerations
PCMCIA compatible flash memory cards require tight
regulation of the 12V VPP programming supply to ensure
that the internal flash memory circuits are never subjected
to damaging conditions. Flash memory circuits are typi-
cally rated with an absolute maximum of 13.5V and VPP
must be maintained at 12V
±5% under all possible load
conditions during erase and program cycles. Undervoltage
can decrease specified flash memory reliability and over-
voltage can damage the device.
VCC Switch Driver and VPP Switch Matrix
Figures 1 and 2 show the approach that is very space and
power efficient. The LTC1314/LTC1315 used in conjunc-
tion with the LT1301 DC/DC converter, provide complete
power management for a PCMCIA card slot. The LTC1314/
LTC1315 and LT1301 combination provides a highly effi-
cient, minimal parts count solution. These circuits are
especially good for applications that are adding a PCMCIA
socket to existing systems that currently have only 5V or
3.3V available.
The LTC1314 drives three N-channel (LTC1315 six
N-channel) MOSFETs that provide VCC pin power switch-
ing. On-chip charge pumps provide the necessary voltage
to fully enhance the switches. With the charge pumps on-
chip, the MOSFET drive is available without the need for a
12V supply. The LTC1314/LTC1315 provide a natural
break-before-make action and smooth transitions due to
SWITCHI G TI E WAVEFOR S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com