Electronic Components Datasheet Search
  English  ▼

X  

UM1483 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM1483
Description  Low power motor control board STEVAL-IHM036V1
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1483 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM1483 Datasheet HTML 12Page - STMicroelectronics UM1483 Datasheet HTML 13Page - STMicroelectronics UM1483 Datasheet HTML 14Page - STMicroelectronics UM1483 Datasheet HTML 15Page - STMicroelectronics UM1483 Datasheet HTML 16Page - STMicroelectronics UM1483 Datasheet HTML 17Page - STMicroelectronics UM1483 Datasheet HTML 18Page - STMicroelectronics UM1483 Datasheet HTML 19Page - STMicroelectronics UM1483 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Board description
UM1483
16/35
Doc ID 022398 Rev 1
3.3.4
Power block based on IGBT module
The IGBT SLLIMM™ module STGIPN3H60 consists of high rugged IGBT power switches
and three smart drivers. STGIPN3H60 is provided with advanced gate smart drivers and
many features, such as integrated comparators for overcurrent or short-circuit protection,
free operational amplifier and the “SMART SHUTDOWN” function are available. Please
refer to the STMicroelectronics STGIPN3H60 device datasheets for more information.
3.3.5
Overcurrent protection
Hardware overcurrent protection (OCP) is implemented on the board. This feature takes
advantage of STGIPN3H60 SLLIMM™ module where an internal comparator is
implemented. Thanks to the internal connection between the comparator output and
shutdown block of the IPM, the intervention time of overcurrent protection is extremely low,
ranging slightly above 200 ns. Please see Figure 7 for a detailed view of OCP.
Overcurrent protection acts as soon as the voltage on the CIN pin rises above the internal
voltage reference (typical value VREF_INT is 0.53 V). Considering the default value of the
OCP shunt resistor, it follows that the maximum allowed current is equal to:
Equation 1
with the default values this gives:
ISHUNT_MAX ~ 1.4 A
36
VDD_2
S
37
PA14
I/O
PA14
JTAG
38
PA15
I/O
PA15
JTAG
39
PB3
I/O
PB3
JTAG
40
PB4
I/O
PB4
JTAG
41
PB5
O
PB5
LED 2
42
PB6
O
PB6
LED 1
43
PB7
Not connected
44
BOOT 0
GND
45
PB8
Not connected
46
PB9
Not connected
47
VSS_3
S
48
VDD_3
S
Table 2.
I/O assignment (continued)
LQFP48
Pin name
Type
I/O assignment
MC using
I
SHUNT M AX
0.53
R1
R2
R
+
×
2R3
R1
R3
×
+
×
()
×
3.3R1R2
×
×
–
R
SHU NT
R2
R3
×
×
-----------------------------------------------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com