Electronic Components Datasheet Search
  English  ▼

X  

UM1575 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM1575
Description  Spice model tutorial for Power MOSFETs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1575 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM1575 Datasheet HTML 14Page - STMicroelectronics UM1575 Datasheet HTML 15Page - STMicroelectronics UM1575 Datasheet HTML 16Page - STMicroelectronics UM1575 Datasheet HTML 17Page - STMicroelectronics UM1575 Datasheet HTML 18Page - STMicroelectronics UM1575 Datasheet HTML 19Page - STMicroelectronics UM1575 Datasheet HTML 20Page - STMicroelectronics UM1575 Datasheet HTML 21Page - STMicroelectronics UM1575 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
A brief description of self-heating model (V3 version)
UM1575
18/24
Doc ID 023670 Rev 1
4.4.5
Unclamped inductive switching
Figure 23. Unclamped inductive switching - schematic
Figure 24. Unclamped inductive switching - simulated waveforms (test 1)
Table 2. Simulated test conditions
Test
TC
Energy
Idrain
ΔTj
1
110 °C
0.3 J
83 A
83 °C
2
110 °C
0.3 J
203 A
133 °C
GIPD251020131511FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com