Electronic Components Datasheet Search
  English  ▼

X  

LTC1694-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1694-1
Description  SMBus/IC Accelerator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1694-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC1694-1 Datasheet HTML 1Page - Linear Technology LTC1694-1 Datasheet HTML 2Page - Linear Technology LTC1694-1 Datasheet HTML 3Page - Linear Technology LTC1694-1 Datasheet HTML 4Page - Linear Technology LTC1694-1 Datasheet HTML 5Page - Linear Technology LTC1694-1 Datasheet HTML 6Page - Linear Technology LTC1694-1 Datasheet HTML 7Page - Linear Technology LTC1694-1 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1694-1
16941fa
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
LTC1694-1CS5
LTC1694-1IS5
(Note 1)
Supply Voltage (VCC) ................................................. 7V
SMBus1, SMBus2 Inputs ............ – 0.3V to (VCC + 0.3V)
Operating Ambient Temperature Range
LTC1694-1C ........................................... 0
°C to 70°C
LTC1694-1I ....................................... – 40
°C to 85°C
Junction Temperature ........................................... 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec.)................. 300
°C
VCC 1
GND 2
NC 3
5 SMBus1
4 SMBus2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
TJMAX = 125°C, θJA = 256°C/ W
LTHE
LTA9
S5 PART MARKING
ELECTRICAL CHARACTERISTICS The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 6V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage Range
2.7
6
V
ICC
Supply Current
SMBus1 = SMBus2 = VCC
q
15
45
80
µA
IPULL-UP
Pull-Up Current
Positive Transition on SMBus ( Figure 1)
q
1.0
2.2
mA
Slew Rate = 0.5V/
µs, SMBus > VTHRES
VTHRES
Input Threshold Voltage
Slew Rate = 0.5V/
µs (Figure 1)
q
0.4
0.65
0.9
V
SRTHRES
Slew Rate Detector Threshold
SMBus > VTHRES
q
0.2
0.5
V/
µs
tr
SMBus Rise Time
Bus Capacitance = 200pF (Note 2)
q
0.32
1.0
µs
Standard Mode I2C Bus Rise Time
Bus Capacitance = 400pF (Note 3)
q
0.30
1.0
µs
fMAX
SMBus Maximum Operating Frequency
(Note 4)
q
100
kHz
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The rise time of an SMBus line is calculated from (VIL(MAX) –
0.15V) to (VIH(MIN) + 0.15V) or 0.65V to 2.25V. This parameter is
guaranteed by design and not tested. With a minimum initial slew rate of
0.5V/
µs, a minimum pull-up current of 1mA and a maximum input
threshold voltage of 0.9V:
Rise Time = [(0.9V – 0.65V)/0.5V/
µs] + [(2.25V – 0.9V) • 200pF/1mA]
= 0.77
µs
Note 3: The rise time of an I2C bus line is calculated from VIL(MAX) to
VIH(MIN) or 1.5V to 3V (with VCC = 5V). This parameter is guaranteed by
design and not tested. With a minimum boosted pull-up current of 1mA:
Rise Time = (3V – 1.5V) • 400pF/1mA = 0.6
µs
Note 4: This parameter is guaranteed by design and not tested.
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com