Electronic Components Datasheet Search
  English  ▼

X  

LTC1706-63 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1706-63
Description  5-Bit VID Voltage Programmer for Sun CPUs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1706-63 Datasheet(HTML) 2 Page - Linear Technology

  LTC1706-63 Datasheet HTML 1Page - Linear Technology LTC1706-63 Datasheet HTML 2Page - Linear Technology LTC1706-63 Datasheet HTML 3Page - Linear Technology LTC1706-63 Datasheet HTML 4Page - Linear Technology LTC1706-63 Datasheet HTML 5Page - Linear Technology LTC1706-63 Datasheet HTML 6Page - Linear Technology LTC1706-63 Datasheet HTML 7Page - Linear Technology LTC1706-63 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1706-63
170663f
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC1706EMS-63 is guaranteed to meet performance
specifications from 0
°C to 70°C. Specifications over the –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Operating Supply Voltage Range
2.7
5.5
V
IVCC
Supply Current
(Note 3)
0.1
5
µA
RFB-SENSE
Resistance Between SENSE and FB
●
357
k
Ω
VOUT Error % Output Voltage Accuracy
●
– 0.35
+ 0.35
%
RPULLUP
VID Input Pull-Up Resistance
VDIODE = 0.6V (Note 4)
40
k
Ω
VIDTH
VID Input Voltage Threshold
VIL (2.7V ≤ VCC ≤ 5.5V)
0.4
V
VIH (2.7V ≤ VCC ≤ 5.5V)
1.6
V
IVID-LEAK
VID Input Leakage Current
VCC < VID < 7V (Note 4)
0.01
±1
µA
VPULLUP
VID Pull-Up Voltage
VCC = 3.3V
2.8
V
VCC = 5V
4.5
V
TJMAX = 110°C, θJA = 120°C/ W
(Note 1)
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
2.7V
≤ VCC ≤ 5.5V, VID0 = VID1 = VID2 = VID3 = VID4 = NC unless otherwise specified.
(Voltages Referred to GND Pin)
Input Supply Voltage (VCC) ..........................– 0.3V to 7V
VID Input Pins .............................................– 0.3V to 7V
SENSE Pin ...................................................– 0.3V to 7V
FB Pin .......................................................... – 0.3V to 7V
Operating Ambient Temperature Range
(Note 2) .................................................. – 40
°C to 85°C
Junction Temperature ........................................... 110
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
1
2
3
4
5
VID0
VID1
VID2
VID3
VCC
10
9
8
7
6
FB
GND
NC
VID4
SENSE
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
Note 3: With all five VID inputs floating, the VCC supply current is simply
the device leakage current. However, the VCC supply current will rise and
be approximately equal to the number of grounded VID input pins times
(VCC – 0.6V)/40k. (See the VID Input Characteristics section for more
details.)
Note 4: Each built-in pull-up resistor attached to the VID inputs also has a
series diode connected to VCC to allow input voltages higher than the VCC
supply without damage or clamping. (See Operation section for further
details.)
ORDER PART NUMBER
MS PART MARKING
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC1706EMS-63
LTBXM
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com