Electronic Components Datasheet Search
  English  ▼

X  

UM1692 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM1692
Description  The EVAL6472H-DISC can be used together
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1692 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM1692 Datasheet HTML 7Page - STMicroelectronics UM1692 Datasheet HTML 8Page - STMicroelectronics UM1692 Datasheet HTML 9Page - STMicroelectronics UM1692 Datasheet HTML 10Page - STMicroelectronics UM1692 Datasheet HTML 11Page - STMicroelectronics UM1692 Datasheet HTML 12Page - STMicroelectronics UM1692 Datasheet HTML 13Page - STMicroelectronics UM1692 Datasheet HTML 14Page - STMicroelectronics UM1692 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
DocID025487 Rev 2
11/42
UM1692
General description
42
4
General description
4.1
Power supply
The EVAL6472H-DISC board is designed to be powered via:
Connector J1: power of the motor and also motor control driver.
USB connector J5: power of the microcontroller and logic control.
The USB cable supplies the digital part through a dedicated LDO (U1) providing 3.3 V.
The motor power must be set according to the voltage required by the user motor.
Note:
Both the supply sources (USB connector and J1 connector) must be present to make
the board operative.
Figure 6. Microcontroller supply section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com