Electronic Components Datasheet Search
  English  ▼

X  

2SC5752 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SC5752
Description  NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5752 Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SC5752_15 Datasheet HTML 1Page - Renesas Technology Corp 2SC5752_15 Datasheet HTML 2Page - Renesas Technology Corp 2SC5752_15 Datasheet HTML 3Page - Renesas Technology Corp 2SC5752_15 Datasheet HTML 4Page - Renesas Technology Corp 2SC5752_15 Datasheet HTML 5Page - Renesas Technology Corp 2SC5752_15 Datasheet HTML 6Page - Renesas Technology Corp 2SC5752_15 Datasheet HTML 7Page - Renesas Technology Corp 2SC5752_15 Datasheet HTML 8Page - Renesas Technology Corp 2SC5752_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
To our customers,
Old Company Name in Catalogs and Other Documents
On April 1st, 2010, NEC Electronics Corporation merged with Renesas Technology
Corporation, and Renesas Electronics Corporation took over all the business of both
companies. Therefore, although the old company name remains in this document, it is a valid
Renesas Electronics document. We appreciate your understanding.
Renesas Electronics website: http://www.renesas.com
April 1st, 2010
Renesas Electronics Corporation
Issued by:
Renesas Electronics Corporation (http://www.renesas.com)
Send any inquiries to http://www.renesas.com/inquiry.


Similar Part No. - 2SC5752_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5752-T1 NEC-2SC5752-T1 Datasheet
91Kb / 20P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
logo
Renesas Technology Corp
2SC5752-T1 RENESAS-2SC5752-T1 Datasheet
224Kb / 22P
NPN SILICON RF TRANSISTOR
2001
More results

Similar Description - 2SC5752_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5754 NEC-2SC5754 Datasheet
89Kb / 13P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
2SC5752 NEC-2SC5752 Datasheet
91Kb / 20P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
NESG2101M16 NEC-NESG2101M16_1 Datasheet
135Kb / 13P
NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (125 mW) 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
logo
Renesas Technology Corp
NESG2101M05 RENESAS-NESG2101M05 Datasheet
172Kb / 15P
NPN SiGe RF Transistor for Medium Output Power Amplification 125 mW
logo
California Eastern Labs
2SC5752 CEL-2SC5752 Datasheet
3Mb / 17P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
logo
Renesas Technology Corp
2SC5750 RENESAS-2SC5750_15 Datasheet
216Kb / 18P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (30 mW) 4-PIN SUPER MINIMOLD
2SC5751 RENESAS-2SC5751_15 Datasheet
217Kb / 18P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (30 mW) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD
2SC5753 RENESAS-2SC5753_15 Datasheet
224Kb / 22P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD
2SC5754 RENESAS-2SC5754_15 Datasheet
222Kb / 15P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
2SC5750 RENESAS-2SC5750 Datasheet
216Kb / 18P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
July 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com