Electronic Components Datasheet Search
  English  ▼

X  

KRA751U Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KRA751U
Description  EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA751U Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KRA751U Datasheet HTML 1Page - KEC(Korea Electronics) KRA751U Datasheet HTML 2Page - KEC(Korea Electronics) KRA751U Datasheet HTML 3Page - KEC(Korea Electronics) KRA751U Datasheet HTML 4Page - KEC(Korea Electronics) KRA751U Datasheet HTML 5Page - KEC(Korea Electronics) KRA751U Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2002. 1. 24
2/6
KRA751U~KRA756U
Revision No : 2
ELECTRICAL CHARACTERISTICS (Ta=25 )
Note : * Characteristic of Transistor Only.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Cut-off Current
KRA751U 756U
IO(OFF)
VO=-50V, VI=0
-
-
-500
nA
DC Current Gain
KRA751U
GI
VO=-5V, IO=-10mA
30
55
-
KRA752U
50
80
-
KRA753U
70
120
-
KRA754U
80
200
-
KRA755U
80
200
-
KRA756U
80
200
-
Output Voltage
KRA751U 756U
VO(ON)
IO=-10mA, II=-0.5mA
-
-0.1
-0.3
V
Input Voltage (ON)
KRA751U
VI(ON)
VO=-0.2V, IO=-5mA
-
-1.5
-2.0
V
KRA752U
-
-1.8
-2.4
KRA753U
-
-2.1
-3.0
KRA754U
-
-2.8
-5.0
KRA755U
-
-0.8
-1.1
KRA756U
-
-0.9
-1.3
Input Voltage (OFF)
KRA751U 754U
VI(OFF)
VO=-5V, IO=-0.1mA
-1.0
-1.2
-
V
KRA755U 756U
-0.5
-0.65
-
Transition Frequency
KRA751U 756U
fT *
VO=-10V, IO=-5mA
-
200
-
MHz
Input Current
KRA751U
II
VI=-5V
-
-
-1.8
mA
KRA752U
-
-
-0.88
KRA753U
-
-
-0.36
KRA754U
-
-
-0.18
KRA755U
-
-
-3.6
KRA756U
-
-
-1.8



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com