Electronic Components Datasheet Search
  English  ▼

X  

LM134 Datasheet(PDF) 12 Page - Linear Technology

Part # LM134
Description  Constant Current Source and Temperature Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM134 Datasheet(HTML) 12 Page - Linear Technology

Back Button LM134 Datasheet HTML 4Page - Linear Technology LM134 Datasheet HTML 5Page - Linear Technology LM134 Datasheet HTML 6Page - Linear Technology LM134 Datasheet HTML 7Page - Linear Technology LM134 Datasheet HTML 8Page - Linear Technology LM134 Datasheet HTML 9Page - Linear Technology LM134 Datasheet HTML 10Page - Linear Technology LM134 Datasheet HTML 11Page - Linear Technology LM134 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LM134 Series
12
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 1991
134sc LT/CP 1001 1.5K REV C • PRINTED IN USA
TYPICAL APPLICATIO S
In-Line Current Limiter
Generating Negative Output Impedance
Ground Referred Fahrenheit Thermometer
V–
V+
R
RSET
LM334
TA17
VIN
OP AMP
C1*
*USE MINIMUM VALUE REQUIRED TO
ENSURE STABILITY OF PROTECTED
DEVICE. THIS MINIMIZES INRUSH
CURRENT TO A DIRECT SHORT.
V–
V+
R
LM334
RSET
R1*
TA18
VIN
–VIN
*ZOUT ≈ –16 • R1(R1/VIN MUST NOT EXCEED ISET).
V–
V+
R
LM334
R2
100
Ω
1%
R1
8.25k
1%
R4
56k
R5**
R3*
TA19
VIN
VOUT = 10mV/°F
10
°F ≤ T ≤ 250°F
C1
0.01
2N4250
VIN ≥ 3V
LT1009
2.5V*
*SELECT R3 = VREF/583µA
**SELECT FOR 1.2mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com