Electronic Components Datasheet Search
  English  ▼

X  

LT1019 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1019
Description  Precision Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1019 Datasheet(HTML) 2 Page - Linear Technology

  LT1019 Datasheet HTML 1Page - Linear Technology LT1019 Datasheet HTML 2Page - Linear Technology LT1019 Datasheet HTML 3Page - Linear Technology LT1019 Datasheet HTML 4Page - Linear Technology LT1019 Datasheet HTML 5Page - Linear Technology LT1019 Datasheet HTML 6Page - Linear Technology LT1019 Datasheet HTML 7Page - Linear Technology LT1019 Datasheet HTML 8Page - Linear Technology LT1019 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1019
1019fd
A
G
A
U
A
R
BSOLUTEXI
TI
S
Input Voltage .......................................................... 40V
Output Voltage (Note 2)
LT1019-5, LT1019-10 ........................................ 16V
LT1019-2.5, LT1019-4.5 ...................................... 7V
Output Short-Circuit Duration (Note 2)
VIN < 20V .................................................... Indefinite
20V ≤ VIN ≤ 35V ............................................. 10 sec
Specified Temperature Range
Commercial ............................................. 0°C to 70°C
Industrial ............................................ – 40°C to 85°C
Military ............................................. – 55°C to 125°C
Trim Pin Voltage ................................................... ±30V
Temp Pin Voltage ..................................................... 5V
Storage Temperature Range (Note 11) – 65°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300°C
PACKAGE/ORDER I FOR ATIO
S8 PART
MARKING
ORDER PART
NUMBER
LT1019ACN8-2.5
LT1019ACN8-4.5
LT1019ACN8-5
LT1019ACN8-10
LT1019CN8-2.5
LT1019CN8-4.5
TJMAX = 100°C, θJA = 130°C/ W
LT1019CN8-5
LT1019CN8-10
LT1019IN8-2.5
LT1019IN8-4.5
LT1019IN8-5
LT1019IN8-10
TJMAX = 150°C, θJA = 150°C/ W, θJC = 45°C/W
TOP VIEW
DNC*
DNC*
DNC*
INPUT
OUTPUT
TRIM
TEMP
GND (CASE)
8
7
6
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
*INTERNALLY CONNECTED. DO NOT
CONNECT EXTERNALLY
ORDER PART
NUMBER
019A25
1019A5
19AI25
019AI5
1925
1945
1905
1910
19I25
19I05
(Note 1)
ORDER PART
NUMBER
1
2
3
4
8
7
6
5
TOP VIEW
DNC*
INPUT
TEMP
GND
DNC*
DNC*
OUTPUT
TRIM
N8 PACKAGE
8-LEAD PDIP
*INTERNALLY CONNECTED. DO NOT
CONNECT EXTERNALLY.
TJMAX = 100°C, θJA = 130°C/ W
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
DNC*
INPUT
TEMP
GND
DNC*
DNC*
OUTPUT
TRIM
*INTERNALLY CONNECTED. DO NOT
CONNECT EXTERNALLY.
LT1019ACH-2.5
LT1019ACH-4.5
LT1019ACH-5
LT1019ACH-10
LT1019AMH-2.5
LT1019AMH-4.5
LT1019AMH-5
LT1019AMH-10
LT1019CH-2.5
LT1019CH-4.5
LT1019CH-5
LT1019CH-10
LT1019MH-2.5
LT1019MH-4.5
LT1019MH-5
LT1019MH-10
LT1019ACS8-2.5
LT1019ACS8-5
LT1019AIS8-2.5
LT1019AIS8-5
LT1019CS8-2.5
LT1019CS8-4.5
LT1019CS8-5
LT1019CS8-10
LT1019IS8-2.5
LT1019IS8-5
OBSOLETE
CONSIDER THE N8 OR S8 FOR
ALTERNATE SOURCES.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com