Electronic Components Datasheet Search
  English  ▼

X  

LT1020 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1020
Description  Micropower Regulator and Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1020 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1020 Datasheet HTML 8Page - Linear Technology LT1020 Datasheet HTML 9Page - Linear Technology LT1020 Datasheet HTML 10Page - Linear Technology LT1020 Datasheet HTML 11Page - Linear Technology LT1020 Datasheet HTML 12Page - Linear Technology LT1020 Datasheet HTML 13Page - Linear Technology LT1020 Datasheet HTML 14Page - Linear Technology LT1020 Datasheet HTML 15Page - Linear Technology LT1020 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1020
sn1020 1020fcs
TYPICAL APPLICATIO S
50mA Battery Charger and Regulator
1020 TA21
6
1M
51k
VOUT
0.001
µF
+
4
7
8
9
1M
10
µF
2
11
FB
5V
VIN*
3
–
+
LT1020
2.5V
20k
VIN
220k
+
10
µF
+
10
µF
6V
BATTERY
2N2905
*VIN MUST BE GREATER THAN THE
BATTERY VOLTAGE PLUS 1.3V
3.9
Ω
10
µF
+
Charge Pump Voltage Doubler
–
+
1020 TA20
5
6
7
8
9
22k
51k
VIN
3
VOUT
1M
2N3904
10
µF
VOUT (NL) ≅ 2VIN – 1V
VOUT (5mA) ≅ 2VIN – 3V
IQ ≅ 300µA
0.0033
µF
51k
1M
20
µF
1N5819
OR EQUIVALENT
+
Switching Preregulator for Wide Input Voltage Range
–
+
+
22
µF
0.01
µF
POST REGULATOR
2
11
3
4
VIN
VOUT
FB
VOUT
5V
100mA
LT1020
1020 TA22
MAINTAINS LOW IQ (< 100µA)
FOR ALL INPUT VOLTAGES
SWITCHER EFFICIENCY = 85%
POST REGULATOR EFFICIENCY = 82%
OVERALL EFFICIENCY = 70%
SWITCHING REGULATOR OUTPUT =
2.5
× (1 + RA/RB). FOR A CLEAN OUTPUT
FROM THE LINEAR REGULATOR SET TO VOUT + 1.2V
VREF
220k
+
100
µF
LT1020
COMPARATOR
VIN
7.5V TO 30V
TO
VREF
(PIN4)
100
µF
1.8M
1M
3.3M
30k
1k
2N3906
100k
10k
2M
RB
1M
2M
30k
RA
1.5M
0.001
µF
SWITCHING
REGULATOR
OUTPUT
4mH
30k
220k
8
7
2N3904
2N3904
2N2222
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com