Electronic Components Datasheet Search
  English  ▼

X  

KRC284M Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KRC284M
Description  EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, AUDIO MUTING)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC284M Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KRC284M Datasheet HTML 1Page - KEC(Korea Electronics) KRC284M Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2002. 12. 5
1/2
SEMICONDUCTOR
TECHNICAL DATA
KRC281M~KRC286M
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 1
SWITCHING APPLICATION.
AUDIO MUTING APPLICATION.
FEATURES
High emitter-base voltage : VEBO=25V(Min)
High reverse hFE : reverse hFE=150(Typ.) (VCE=-2V, IC=-4mA)
Low on resistance : Ron=1 (Typ.) (IB=5mA)
With Built-in Bias Resistors.
Simplify Circuit Design.
Reduce a Quantity of Parts and Manufacturing Process.
1 2 3
TO-92M
DIM MILLIMETERS
A
B
C
D
E
F
G
H
J
K
1. EMITTER
2. COLLECTOR
3. BASE
3.20 MAX
4.30 MAX
0.55 MAX
2.40 0.15
1.27
2.30
14.00 0.50
0.60 MAX
1.05
1.45
25
0.55 MAX
L
M
N
EE
L
N
M
C
H
0.80
O0.75
O
B
+_
+_
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
20
V
Emitter-Base Voltage
VEBO
25
V
Collector Current
IC
300
mA
Collector Power Dissipation
PC
400
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
MAXIMUM RATING (Ta=25 )
EQUIVALENT CIRCUIT
R1
C
E
B


Similar Part No. - KRC284M

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRC284S KEC-KRC284S Datasheet
383Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, AUDIO MUTING)
KRC284U KEC-KRC284U Datasheet
21Kb / 1P
USM PACKAGE
More results

Similar Description - KRC284M

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRC231M KEC-KRC231M Datasheet
197Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, AUDIO MUTING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC231S KEC-KRC231S Datasheet
202Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, AUDIO MUTING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC281S KEC-KRC281S Datasheet
383Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, AUDIO MUTING)
KRC681T KEC-KRC681T Datasheet
387Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, AUDIO MUTING)
KRC881T KEC-KRC881T Datasheet
386Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, AUDIO MUTING)
KTC2874 KEC-KTC2874 Datasheet
319Kb / 3P
SILICON NPN TRANSISTOR EPITAXIAL PLANAR TYPE(FOR MUTING AND SWITCHING)
KTC2875 KEC-KTC2875 Datasheet
321Kb / 3P
SILICON NPN TRANSISTOR EPITAXIAL PLANAR TYPE(FOR MUTING AND SWITCHING)
KTD1302 KEC-KTD1302 Datasheet
204Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO MUTING)
KTD1303 KEC-KTD1303 Datasheet
204Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO MUTING)
KTD1304 KEC-KTD1304 Datasheet
208Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO MUTING)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com