Electronic Components Datasheet Search
  English  ▼

X  

UPD4992GS Datasheet(PDF) 13 Page - NEC

Part # UPD4992GS
Description  8-Bit Parallel I/O Calendar Clock
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4992GS Datasheet(HTML) 13 Page - NEC

Back Button UPD4992GS Datasheet HTML 8Page - NEC UPD4992GS Datasheet HTML 9Page - NEC UPD4992GS Datasheet HTML 10Page - NEC UPD4992GS Datasheet HTML 11Page - NEC UPD4992GS Datasheet HTML 12Page - NEC UPD4992GS Datasheet HTML 13Page - NEC UPD4992GS Datasheet HTML 14Page - NEC UPD4992GS Datasheet HTML 15Page - NEC UPD4992GS Datasheet HTML 16Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
µPD4992
13
OUTLINE DRAWING
20PIN PLASTIC DIP (300 mil)
ITEM MILLIMETERS
INCHES
NOTES
1) Each lead centerline is located within 0.25 mm (0.01 inch) of
its true position (T.P.) at maximum material condition.
P20C-100-300A,C-1
N
0.25
0.01
R
0~15
°
0~15
°
A
25.40 MAX.
1.000 MAX.
B
1.27 MAX.
0.050 MAX.
F
1.1 MIN.
0.043 MIN.
G
3.5±0.3
0.138±0.012
J
5.08 MAX.
0.200 MAX.
K
7.62 (T.P.)
0.300 (T.P.)
C
2.54 (T.P.)
0.100 (T.P.)
D
0.50±0.10
0.020 +0.004
–0.005
H
0.51 MIN.
0.020 MIN.
I
4.31 MAX.
0.170 MAX.
L
6.4
0.252
M
0.25
0.010 +0.004
–0.003
+0.10
–0.05
2) ltem "K" to center of leads when formed parallel.
M
R
M
I
H
G
F
D
N
C
B
K
P
0.9 MIN.
0.035 MIN.
1
10
20
11
P
L
A
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com