Electronic Components Datasheet Search
  English  ▼

X  

LT1193 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1193
Description  Video Difference Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1193 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1193 Datasheet HTML 2Page - Linear Technology LT1193 Datasheet HTML 3Page - Linear Technology LT1193 Datasheet HTML 4Page - Linear Technology LT1193 Datasheet HTML 5Page - Linear Technology LT1193 Datasheet HTML 6Page - Linear Technology LT1193 Datasheet HTML 7Page - Linear Technology LT1193 Datasheet HTML 8Page - Linear Technology LT1193 Datasheet HTML 9Page - Linear Technology LT1193 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1193
1193fb
TEMPERATURE (
°C)
–50
30
35
45
50
55
65
70
0
50
100
125
LT1193 • TPC13
60
40
–25
25
75
30
35
45
50
55
65
70
60
40
VS = ±5V
RL = 1k
GAIN BANDWIDTH PRODUCT
UNITY GAIN
PHASE MARGIN
±V SUPPLY VOLTAGE (V)
0
–10
–8
–6
–2
10
24
6
10
LT1193 • TPC18
–4
0
2
4
6
8
RL = 1k
–VOUT, –55°C,
25
°C, 125°C
8
+VOUT, 25°C,
125
°C, –55°C
FREQUENCY (Hz)
0
20
40
60
80
1k
100k
10M
100M
LT1193 • TPC16
–20
10k
1M
–PSRR
+PSRR
VS = ±5V
TA = 25 C
VRIPPLE = ±300mV
°
FREQUENCY (Hz)
0.001
0.1
1
10
100
1k
LT1193 • TPC14
10k
100k
1M
10M
100M
VS = ±5V
TA = 25°C
0.01
AV = 10
AV = 2
FREQUENCY (Hz)
50
60
70
80
100k
10M
100M
LT1193 • TPC15
30
1M
40
VS = ±5V
TA = 25°C
RL = 1k
TEMPERATURE (
°C)
–50
70
90
100
0
25
75
125
LT1193 • TPC17
–25
50
100
VS = ±5V
80
FREQUENCY (Hz)
0
20
60
80
100
100k
LT1193 • TPC11
–20
1M
10M
100M
40
0
20
60
80
100
–20
40
VS = ±5V
TA = 25°C
RL = 1k
PHASE
GAIN
LOAD RESISTANCE (
Ω)
10
0
5k
10k
15k
20k
100
1000
LT1193 • TPC10
VS = ±5V
VO = ±3V
TA = 25°C
±SUPPLY VOLTAGE (V)
0
50
60
70
80
24
8
10
LT1193 • TPC12
6
TA = –55°C, 25°C, 125°C
TYPICAL PERFOR A CE CHARACTERISTICS
Gain, Phase vs Frequency
Open-Loop Voltage Gain
vs Load Resistance
Gain Bandwidth Product
vs Supply Voltage
Gain Bandwidth Product and Unity
Gain Phase Margin vs Temperature
Output Impedance vs Frequency
Common Mode Rejection Ratio
vs Frequency
Power Supply Rejection Ratio
vs Frequency
Output Short-Circuit Current
vs Temperature
Output Swing vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com