Electronic Components Datasheet Search
  English  ▼

X  

LT1306 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1306
Description  Synchronous, Fixed Frequency Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1306 Datasheet(HTML) 2 Page - Linear Technology

  LT1306 Datasheet HTML 1Page - Linear Technology LT1306 Datasheet HTML 2Page - Linear Technology LT1306 Datasheet HTML 3Page - Linear Technology LT1306 Datasheet HTML 4Page - Linear Technology LT1306 Datasheet HTML 5Page - Linear Technology LT1306 Datasheet HTML 6Page - Linear Technology LT1306 Datasheet HTML 7Page - Linear Technology LT1306 Datasheet HTML 8Page - Linear Technology LT1306 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1306
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Voltage
Measured at the FB Pin
q
1.22
1.24
1.26
V
Reference Line Regulation
1.8V
≤ VIN ≤ 7V
0.002
0.1
%/V
FB Input Bias Current
VFB = VREF
q
10
25
nA
Error Amplifier Transconductance
∆I = ±0.2µA
80
150
220
µΩ–1
Error Amplifier Output Source Current
VFB = 1V, VC = 0.8V
5
7.5
11
µA
Error Amplifier Output Sink Current
VFB = 1.5V, VC = 0.8V
5
7.5
11
µA
Error Amplifier Output Clamp Voltage
VFB = 1V
1.18
1.28
1.38
V
VIN Undervoltage Lockout Threshold
1.55
1.8
V
Idle Mode Output Leakage Current
VFB = 1.5V, VOUT = 5.5V, VSW = 1.7V
q
615
µA
Output Source Current in Shutdown
VOUT = 0V, VIN = VSW = 7V, VCAP = 7.2V, VS/S = 0V
q
–3
µA
Switching Frequency
1.8V
≤ VIN ≤ 7V, 0°C ≤ TA ≤ 85°C
q
260
310
415
kHz
1.8V
≤ VIN ≤ 7V, TA = –40°C
225
305
390
kHz
Maximum Duty Cycle
VFB = 1V, 0°C ≤ TA ≤ 85°C80
90
%
VFB = 1V, TA = – 40°C65
80
%
Switch Current Limit
Duty Cycle = 0.1 (Note 3)
2.3
A
Duty Cycle = 0.8 (Note 3)
2.0
A
Burst Mode Operation Switch Current Limit
250
mA
Switch VCESAT
ISW = 2A
0.45
0.575
V
Rectifier VCESAT
ISW = 2A
0.49
0.675
V
Stepdown Mode Rectifier Voltage
VOUT = 0V, ISW = 1A
0.3 + VIN
0.7 + VIN
V
VOUT = 2.2V, ISW = 1A
1.3
1.8
V
Switch and Rectifier Leakage Current
VOUT = 0V, VIN = VSW = 7V, VCAP = 7.2V, VS/S = 0V
q
0.1
20
µA
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
(Note 1)
VIN Voltage ............................................................. 10V
S/S Voltage ............................................................... 7V
FB Voltage .............................................................. 10V
VOUT Voltage .......................................................... 5.5V
Junction Temperature .......................................... 125
°C
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
Consult factory for Industrial and Military grade parts.
S8 PART MARKING
LT1306ES8
1306
TJMAX = 125°C, θJA = 90°C/ W
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
VC
FB
VOUT
GND
S/S
VIN
CAP
SW
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 2.5V, VS/S = VIN, VC open unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com