Electronic Components Datasheet Search
  English  ▼

X  

LT1312 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1312
Description  Single PCMCIA VPP Driver/Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1312 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1312 Datasheet HTML 4Page - Linear Technology LT1312 Datasheet HTML 5Page - Linear Technology LT1312 Datasheet HTML 6Page - Linear Technology LT1312 Datasheet HTML 7Page - Linear Technology LT1312 Datasheet HTML 8Page - Linear Technology LT1312 Datasheet HTML 9Page - Linear Technology LT1312 Datasheet HTML 10Page - Linear Technology LT1312 Datasheet HTML 11Page - Linear Technology LT1312 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1312
Single Slot Interface to CL-PD6710
VPP1
VPP2
PCMCIA
CARD SLOT
VCC
LT1312 TA2
5V
SENSE
VPPOUT
GND
LT1312
VS
VALID
EN0
EN1
13V TO 20V
51K
VLOGIC
3.3V
3.3V OR 5V
10
µF
+
1
µF
VCC
A_VPP_PGM
A_VPP_VCC
VPP_VALID
A_VCC_5
A_VCC_3
CIRRUS LOGIC
CL-PD6710
Si9430DY OR
MMSF3P02HD
Si9933DY OR
MMDF2P01HD
+
VPP1
VPP2
PCMCIA
CARD SLOT
G2
G1
GND
LTC1157CS8
VS
VCC
LT1312 TA3
IN2
IN1
+
5V
SENSE
VPPOUT
GND
LT1312
VS
VALID
EN0
EN1
13V TO 20V
51k
VLOGIC
3.3V
10
µF
+
1
µF
3.3V OR 5V
VCC
A_VPP_EN0
A_VPP_EN1
A_VCC_EN0
A_VCC_EN1
A:GPI
“365” TYPE
CONTROLLER
Si9410DY OR
MMSF5N02HD
Si9956DY OR
MMDF3N02HD
Single Slot Interface to “365” Type Controller
TYPICAL APPLICATIONS
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com