Electronic Components Datasheet Search
  English  ▼

X  

LT1330 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1330
Description  5V RS232 Transceiver with 3V Logic Interface and One Receiver Active in Shutdown
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1330 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1330 Datasheet HTML 2Page - Linear Technology LT1330 Datasheet HTML 3Page - Linear Technology LT1330 Datasheet HTML 4Page - Linear Technology LT1330 Datasheet HTML 5Page - Linear Technology LT1330 Datasheet HTML 6Page - Linear Technology LT1330 Datasheet HTML 7Page - Linear Technology LT1330 Datasheet HTML 8Page - Linear Technology LT1330 Datasheet HTML 9Page - Linear Technology LT1330 Datasheet HTML 10Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
LT1330
10
1330fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 1992
LT 0209 REV B • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT1137A
5V RS232 Transceiver
IEC-1000-4-2 ESD Compliant
LT1237
RS232 Transceiver
1 Receiver Active in Shutdown
LT1780/LT1781
2 Driver/2 Receiver RS232 Transceivers
IEC-1000-4-2 ESD Compliant
1330 TA03
5V VCC
1.0μF
2
0.1μF
0.1μF
DB9
LT1330
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DRIVER 1 OUT
RX1 IN
DRIVER 2 OUT
RX2 IN
RX3 IN
RX4 IN
DRIVER 3 OUT
RX5 IN (LOW-Q)
ON/OFF
3V VL
28
27
26
25
24
23
22
21
20
19
18
17
16
15
2
0.1μF
DRIVER 1 IN
RX1 OUT
DRIVER 2 IN
RX2 OUT
RX3 OUT
RX4 OUT
DRIVER 3 IN
RX5 OUT (LOW-Q)
GND
DRIVER DISABLE
MOUSE
V–
V+
LOGIC “0”
LOGIC “0”
MOUSE DATA
LOGIC “1”
DCD
DSR
RX
RTS
TX
CTS
DTR
RI
(1)
(9)
(5)
OPTICS
LOGIC
V+
V–
Typical Mouse Driving Application



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com