Electronic Components Datasheet Search
  English  ▼

X  

KRC643T Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KRC643T
Description  EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC643T Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KRC643T Datasheet HTML 1Page - KEC(Korea Electronics) KRC643T Datasheet HTML 2Page - KEC(Korea Electronics) KRC643T Datasheet HTML 3Page - KEC(Korea Electronics) KRC643T Datasheet HTML 4Page - KEC(Korea Electronics) KRC643T Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2002. 7. 10
4/5
KRC641T~KRC646T
Revision No : 2
I
- V
I(ON)
INPUT ON VOLTAGE V
(V)
O
I(ON)
I
- V
I(ON)
INPUT ON VOLTAGE V
(V)
O
I(ON)
INPUT OFF VOLTAGE V
(V)
I(OFF)
I
- V
O
I(OFF)
G - I
O
OUTPUT CURRENT I
(mA)
IO
INPUT OFF VOLTAGE V
(V)
I(OFF)
I
- V
O
I(OFF)
G - I
O
OUTPUT CURRENT I
(mA)
IO
0.1
0.3
1
3
0.3
10
30
100
300
1k
0.5
1
3
5
10
30
50
100
300
500
V =0.3V
O
Ta=25 C
Ta=-25 C
0.4
30
KRC643T
V =0.3V
KRC644T
O
Ta=-25 C
Ta=25 C
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
50
100
300
500
1k
3k
5k
KRC643T
V =5V
O
V =5V
O
KRC644T
13
10
30
300
1
30
100
300
1k
3
5
10
50
100
KRC643T
O
V =5V
Ta=100
C
Ta=25 C
Ta=-25 C
Ta=100 C
V =5V
KRC644T
O
Ta=-25 C
Ta=25 C
100
50
30
10
5
3
1
0.5
0.3
500
300
0.1
0.3
100
10
13
30
1k
300
100
300
50
30
500
0.8
0.4
0.6
1.6
1.2
1.0
1.4
2.0
1.8
5k
3k
1k
100
50
10
30
300
1
3
10
30
100
300
1k
500
1k
3k



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com