Electronic Components Datasheet Search
  English  ▼

X  

LT1194 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1194
Description  Video Difference Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1194 Datasheet(HTML) 5 Page - Linear Technology

  LT1194 Datasheet HTML 1Page - Linear Technology LT1194 Datasheet HTML 2Page - Linear Technology LT1194 Datasheet HTML 3Page - Linear Technology LT1194 Datasheet HTML 4Page - Linear Technology LT1194 Datasheet HTML 5Page - Linear Technology LT1194 Datasheet HTML 6Page - Linear Technology LT1194 Datasheet HTML 7Page - Linear Technology LT1194 Datasheet HTML 8Page - Linear Technology LT1194 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1194
FREQUENCY (Hz)
50
100
150
10
1k
10k
100k
LT1194 • TPC04
0
100
VS = ±5V
TA = 25°C
RS = 0Ω
TEMPERATURE (
°C)
–50
–0.8
–0.7
–0.6
–0.5
–0.4
–0.3
0
25
75
125
LT1194 • TPC02
–25
50
100
+IB
–IB
IOS
VS = ±5V
FREQUENCY (Hz)
20
60
80
10
1k
10k
100k
LT1194 • TPC05
0
100
40
VS = ±5V
TA = 25°C
RS = 100k
±V SUPPLY VOLTAGE (V)
0
–10
–6
–2
0
4
6
10
48
10
LT1194 • TPC03
8
2
–4
–8
26
–55
°C
25
°C
125
°C
+V COMMON MODE
–V COMMON MODE
–55
°C
25
°C
125
°C
COMMON MODE VOLTAGE (V)
–4
–2
–1
0
1
2
3
4
–2
0
2
4
LT1194 • TPC01
–3
–1
1
3
125
°C
–55
°C
25
°C
VS = ±5V
±SUPPLY VOLTAGE (V)
0
0
20
30
40
50
246
10
LT1194 • TPC06
8
–55
°C
25
°C
125
°C
10
TYPICAL PERFOR A CE CHARACTERISTICS
Input Bias Current
vs Common Mode Voltage
Input Bias Current
vs Temperature
Common Mode Voltage
vs Supply Voltage
Equivalent Input Noise Voltage
vs Frequency
Supply Current vs Supply Voltage
Equivalent Input Noise Current
vs Frequency
Gain, Phase vs Frequency
– 3dB Bandwidth vs Supply Voltage
Gain Error vs Temperature
FREQUENCY (Hz)
100k
8
16
18
20
22
1M
10M
100M
LT1194 • TPC08
10
12
14
VS = ±5V
TA = 25°C
RL = 1k
–40
–20
0
20
–100
–80
–60
GAIN
PHASE
–120
TEMPERATURE (
°C)
–50
0.4
0.8
1.0
0
25
75
125
LT1194 • TPC07
– 25
50
100
VS = ±5V
0.6
0
0.2
RL = 1k
RL = 100Ω
SUPPLY VOLTAGE (V)
0
30
31
32
33
34
35
36
24
6
10
LT1194 • TPC09
8
TA = –55°C, 25°C, 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com