Electronic Components Datasheet Search
  English  ▼

X  

KRC656U Datasheet(PDF) 6 Page - KEC(Korea Electronics)

Part # KRC656U
Description  EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC656U Datasheet(HTML) 6 Page - KEC(Korea Electronics)

  KRC656U Datasheet HTML 1Page - KEC(Korea Electronics) KRC656U Datasheet HTML 2Page - KEC(Korea Electronics) KRC656U Datasheet HTML 3Page - KEC(Korea Electronics) KRC656U Datasheet HTML 4Page - KEC(Korea Electronics) KRC656U Datasheet HTML 5Page - KEC(Korea Electronics) KRC656U Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2002. 1. 24
6/6
KRC651U~KRC656U
Revision No : 2
G - I
O
OUTPUT CURRENT I
(mA)
O
OUTPUT CURRENT I
(mA)
O
OUTPUT CURRENT I
(mA)
O
OUTPUT CURRENT I
(mA)
0.5
1
3
10
5
IO
G - I
IO
G - I
IO
O
OUTPUT CURRENT I
(mA)
O
OUTPUT CURRENT I
(mA)
G - I
IO
G - I
IO
G - I
IO
30
100
10
30
50
100
300
V =5V
O
O
V =5V
300
100
50
30
10
100
30
5
10
3
1
0.5
O
V =5V
300
100
50
30
10
100
30
5
10
3
1
0.5
O
V =5V
300
100
50
30
10
100
30
5
10
3
1
0.5
0.5
1
3
10
5
30
100
10
30
50
100
300
V =5V
O
0.5
1
3
10
5
30
100
10
30
50
100
300
V =5V
O
Ta=100 C
Ta=25 C
Ta=-25 C
Ta=100 C
Ta=25 C
Ta=-25 C
Ta=100 C
Ta=25 C
Ta=-25 C
Ta=100 C
Ta=25 C
Ta=-25 C
Ta=100 C
Ta=25 C
Ta=-25 C
Ta=100 C
Ta=-25 C
Ta=25 C
KRC651U
KRC652U
KRC653U
KRC654U
KRC655U
K
RC656U



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com