Electronic Components Datasheet Search
  English  ▼

X  

LT1513 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1513
Description  SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1513 Datasheet(HTML) 1 Page - Linear Technology

  LT1513 Datasheet HTML 1Page - Linear Technology LT1513 Datasheet HTML 2Page - Linear Technology LT1513 Datasheet HTML 3Page - Linear Technology LT1513 Datasheet HTML 4Page - Linear Technology LT1513 Datasheet HTML 5Page - Linear Technology LT1513 Datasheet HTML 6Page - Linear Technology LT1513 Datasheet HTML 7Page - Linear Technology LT1513 Datasheet HTML 8Page - Linear Technology LT1513 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1513/LT1513-2
sn1513 1513fas
SEPIC Constant- or
Programmable-Current/
Constant-Voltage Battery Charger
The LT
®1513 is a 500kHz current mode switching regula-
tor specially configured to create a constant- or program-
mable-current/constant-voltage battery charger. In addition
to the usual voltage feedback node, it has a current sense
feedback circuit for accurately controlling output current
of a flyback or SEPIC (Single-Ended Primary Inductance
Converter) topology charger. These topologies allow the
current sense circuit to be ground referred and completely
separated from the battery itself, simplifying battery switch-
ing and system grounding problems. In addition, these
topologies allow charging even when the input voltage is
lower than the battery voltage. The LT1513 can also drive
a CCFL Royer converter with high efficiency in floating or
grounded mode.
Maximum switch current on the LT1513 is 3A. This allows
battery charging currents up to 2A for a single lithium-ion
cell. Accuracy of 1% in constant-voltage mode is perfect
for lithium battery applications. Charging current can be
easily programmed for all battery types.
DESCRIPTION
s
Charger Input Voltage May Be Higher, Equal to or
Lower Than Battery Voltage
s
Charges Any Number of Cells Up to 20V
s
1% Voltage Accuracy for Rechargeable Lithium
Batteries
s
100mV Current Sense Voltage for High Efficiency
(LT1513)
s
0mV Current Sense Voltage for Easy Current
Programming (LT1513-2)
s
Battery Can Be Directly Grounded
s
500kHz Switching Frequency Minimizes
Inductor Size
s
Charging Current Easily Programmable or Shut Down
FEATURES
INPUT VOLTAGE (V)
05
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
25
LT1513 • TA02
10
15
20
30
12V
INDUCTOR = 10
µH
ACTUAL PROGRAMMED CHARGING CURRENT WILL BE
INDEPENDENT OF INPUT VOLTAGE IF IT DOES NOT
EXCEED VALUES SHOWN
SINGLE Li-Ion CELL
(4.1V)
DOUBLE Li-Ion
CELL (8.2V)
16V
20V
BATTERY
VOLTAGE
Maximum Charging Current
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Charging of NiCd, NiMH, Lead-Acid or Lithium
Rechargeable Cells
s
Precision Current Limited Power Supply
s
Constant-Voltage/Constant-Current Supply
s
Transducer Excitation
s
Universal Input CCFL Driver
APPLICATIONS
Figure 1. SEPIC Charger with 1.25A Output Current
LT1513
IFB
VC
VIN
L1A*
L1B*
1.25A
13
2
5
7
•
•
6
TAB
4
GND
VFB
LT1513 • TA01
VSW
SYNC
AND/OR
SHUTDOWN
WALL
ADAPTER
INPUT
S/S
C3
22
µF
25V
C2**
4.7
µF
C5
0.1
µF
*
**
†
L1A, L1B ARE TWO 10
µH WINDINGS ON A
COMMON CORE: COILTRONICS CTX10-4
CERAMIC MARCON THCR40EIE475Z OR TOKIN 1E475ZY5U-C304
MBRD340 OR MBRS340T3. MBRD340 HAS 5
µA TYPICAL
LEAKAGE, MBRS340T3 50
µA TYPICAL
C4
0.22
µF
R4
39
Ω
R1
R2
R5
270
Ω
R3
0.08
Ω
C1
22
µF
25V
× 2
D1†
CHARGE
SHUTDOWN
+
+
TYPICAL APPLICATION


Similar Part No. - LT1513

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1513 LINER-LT1513 Datasheet
299Kb / 16P
SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
logo
Linear Integrated Syste...
LT1513 LINEAR-LT1513 Datasheet
197Kb / 16P
SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
logo
Linear Technology
LT1513-2 LINER-LT1513-2 Datasheet
299Kb / 16P
SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
logo
Linear Integrated Syste...
LT1513-2 LINEAR-LT1513-2 Datasheet
197Kb / 16P
SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
logo
Linear Technology
LT1513-2 LINER-LT1513-2 Datasheet
220Kb / 16P
SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
More results

Similar Description - LT1513

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1510 LINER-LT1510 Datasheet
339Kb / 16P
Constant-Voltage/ Constant-Current Battery Charger
LT1512 LINER-LT1512 Datasheet
261Kb / 12P
SEPIC Constant-Current/ Constant-Voltage Battery Charger
LT1513 LINER-LT1513 Datasheet
299Kb / 16P
SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
logo
Linear Dimensions Semic...
LT1513-2CT7 LINEAR_DIMENSIONS-LT1513-2CT7 Datasheet
220Kb / 16P
SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
logo
Linear Integrated Syste...
LT1513-2CR LINEAR-LT1513-2CR Datasheet
197Kb / 16P
SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
logo
Semtech Corporation
SC1410A SEMTECH-SC1410A Datasheet
173Kb / 9P
Constant Voltage/Constant Current Battery Charger
logo
Linear Technology
LT1513-2 LINER-LT1513-2_15 Datasheet
220Kb / 16P
SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
LT1510 LINER-LT1510_15 Datasheet
295Kb / 16P
Constant-Voltage/ Constant-Current Battery Charger
LT1510-5 LINER-LT1510-5_15 Datasheet
295Kb / 16P
Constant-Voltage/ Constant-Current Battery Charger
LT1512 LINER-LT1512_15 Datasheet
211Kb / 14P
SEPIC Constant-Current/ Constant-Voltage Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com