Electronic Components Datasheet Search
  English  ▼

X  

LT1568 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1568
Description  Very Low Noise, High Frequency Active RC, Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1568 Datasheet(HTML) 1 Page - Linear Technology

  LT1568 Datasheet HTML 1Page - Linear Technology LT1568 Datasheet HTML 2Page - Linear Technology LT1568 Datasheet HTML 3Page - Linear Technology LT1568 Datasheet HTML 4Page - Linear Technology LT1568 Datasheet HTML 5Page - Linear Technology LT1568 Datasheet HTML 6Page - Linear Technology LT1568 Datasheet HTML 7Page - Linear Technology LT1568 Datasheet HTML 8Page - Linear Technology LT1568 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT1568
1
1568f
The LT
®1568 is an easy-to-use, active-RC filter building
block with rail-to-rail inputs and outputs. The internal ca-
pacitors of the IC and the GBW product of the internal low
noise op amps are trimmed such that consistent and repeat-
able filter responses can be achieved. With a single resis-
tor value, the LT1568 provides a pair of matched 2-pole
Butterworth lowpass filters with unity gain suitable for I/Q
channels.
By using unequal-valued external resistors, the two 2-pole
sections can create different frequency responses or
gains. In addition, the two stages may be cascaded to
create a single 4-pole filter with a programmable re-
sponse. Capable of cutoff frequencies up to 10MHz, the
LT1568 is ideal for antialiasing or channel filtering in high
speed data communications systems. The LT1568 can
also be used as a bandpass filter.
The LT1568 features very low noise, supporting signal-to-
noise ratios of over 90dB. It also provides single-ended to
differential signal conversion for directly driving high
speed A/D converters. The LT1568 has a shutdown mode
that reduces supply current to approximately 0.5mA on a
5V supply.
The LT1568 is available in a narrow 16-lead SSOP
package.
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Up to 10MHz Center Frequency on a Single 3V
Supply
s
Easy to Use—A Single Resistor Value Sets Lowpass
Cutoff Frequency (200kHz
≤ ƒC ≤ 5MHz), Unequal
Resistor Values Extend Cutoff Frequency Up to
10MHz
s
Extremely Flexible—Different Resistor Values
Allow Lowpass Transfer Functions with or Without
Gain (Butterworth, Chebyshev or Custom)
s
SNR = 92dB (
ƒC = 2MHz, 2VP-P)
s
THD = –84dB (
ƒC = 2MHz, 1VP-P)
s
Internal Capacitors Trimmed to
±0.75%
s
Single 4-Pole Lowpass Filter or Matched Pair of
2-Pole Lowpass Filters
s
Can be Connected as a Bandpass Filter
s
Single-Ended or Differential Output
s
Operates from Single 3V (2.7V Min) to
±5V Supply
s
Rail-to-Rail Input and Output Voltages
Very Low Noise,
High Frequency Active RC,
Filter Building Block
s
Replaces Discrete RC Active Filters and LC Filter
Modules
s
Antialiasing/Reconstruction Filters
s
Dual or I-and-Q Channels (Two Matched 2nd Order
Filters in One Package)
s
Single-Ended to Differential Conversion
s
Video Signal Processing
V+
INVA
SA
OUTA
OUTA
GNDA
NC
V–
V+
INVB
SB
OUTB
OUTB
GNDB
EN
V–
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LT1568
511
Ω
0.1
µF
0.1
µF
511
Ω
511
Ω
511
Ω
511
Ω
1568 TA01
VINA
3V
VOUTA
VOUTA
VINB
THE PROPRIETARY ARCHITECTURE
ALLOWS FOR A SIMPLE RESISTOR
CALCULATION:
VOUTB
VOUTB
511
Ω
R = 128
Ω •; ƒC = CUTOFF FREQUENCY
10MHz
ƒC
Amplitude and Phase Matched Dual Butterworth 2.5MHz Lowpass
Filter with Differential Output. Single 3V Supply Operation
FREQUENCY (Hz)
100k
–27
–21
–15
–9
–3
1M
10M
1568 TA02
3
–24
–18
–12
–6
0
Amplitude Response
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1568

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1568 LINER-LT1568 Datasheet
271Kb / 16P
Very Low Noise, High Frequency Active RC, Filter Building Block
LT1568 LINER-LT1568 Datasheet
223Kb / 16P
1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT1568 LINER-LT1568 Datasheet
203Kb / 16P
1.4nV/?숰z 180MHz Filter Building Block
LT1568 LINER-LT1568 Datasheet
213Kb / 16P
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
logo
Analog Devices
LT1568 AD-LT1568 Datasheet
277Kb / 16P
Very Low Noise, High Frequency Active RC, Filter Building Block
More results

Similar Description - LT1568

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1067 LINER-LTC1067 Datasheet
477Kb / 20P
Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
LTC1562-2 LINER-LTC1562-2 Datasheet
179Kb / 16P
Very Low Noise, Low Distortion Active RC Quad Universal Filter
LTC1562 LINER-LTC1562 Datasheet
490Kb / 28P
Very Low Noise, Low Distortion Active RC Quad Universal Filter
LT1568 LINER-LT1568 Datasheet
271Kb / 16P
Very Low Noise, High Frequency Active RC, Filter Building Block
logo
Linear Dimensions Semic...
LT1568CGNPBF LINEAR_DIMENSIONS-LT1568CGNPBF Datasheet
282Kb / 16P
Very Low Noise, High Frequency Active RC, Filter Building Block
logo
Linear Integrated Syste...
LTC1562CN LINEAR-LTC1562CN Datasheet
319Kb / 28P
Very Low Noise, Low Distortion Active RC Quad Universal Filter
logo
Linear Technology
LTC1562-2 LINER-LTC1562-2_15 Datasheet
239Kb / 16P
Very Low Noise, Low Distortion Active RC Quad Universal Filter
LTC1067 LINER-LTC1067_15 Datasheet
299Kb / 20P
Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
LTC1067-50 LINER-LTC1067-50_15 Datasheet
299Kb / 20P
Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
LTC1562 LINER-LTC1562_15 Datasheet
351Kb / 28P
Very Low Noise, Low Distortion Active RC Quad Universal Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com